công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33067 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC33067
Giải thích chi tiết về linh kiện  High Performance Resonant Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33067 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC33067_15 Datasheet HTML 1Page - ON Semiconductor MC33067_15 Datasheet HTML 2Page - ON Semiconductor MC33067_15 Datasheet HTML 3Page - ON Semiconductor MC33067_15 Datasheet HTML 4Page - ON Semiconductor MC33067_15 Datasheet HTML 5Page - ON Semiconductor MC33067_15 Datasheet HTML 6Page - ON Semiconductor MC33067_15 Datasheet HTML 7Page - ON Semiconductor MC33067_15 Datasheet HTML 8Page - ON Semiconductor MC33067_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC34067, MC33067, NCV33067
www.onsemi.com
5
One-Shot Period is Measured
at the Drive Outputs.
Oscillator Discharge Time is Measured at the Drive Outputs.
COSC = 200 pF
60
30
20
10
6.0
3.0
500
0
tdischg, OSCILLATOR DISCHARGE TIME (ms)
3500
3000
2500
2000
1500
1000
IOSC, OSCILLATOR CONTROL CURRENT (mA)
0.35
0.30
0.25
0.20
0.15
0.10
IOSC, OSCILLATOR CONTROL CURRENT (mA)
tOS, ONE-SHOT PERIOD (ms)
0
0.05
200
VCC = 12 V
TA = 25°C
ROSC = 18.2 k
400
300
100
500
COSC = 300 pF
0
-10
-20
-30
-40
-50
50
40
30
20
10
0
f, FREQUENCY (Hz)
TA, AMBIENT TEMPERATURE (°C)
-20
-10
Gain
50
60
70
80
90
100
120
110
COSC = 500 pF
COSC = 300 pF
VCC = 12 V
RVFO = ∞
RT = ∞
CT = 500 pF
TA = 25°C
Figure 2. Oscillator Timing Resistor
versus Discharge Time
Figure 3. Oscillator Frequency versus
Oscillator Control Current
Figure 4. Error Amp Output Low State Voltage
versus Oscillator Control Current
Figure 5. One−Shot Timing Resistor
versus Period
Figure 6. Open Loop Voltage Gain and Phase
versus Frequency
Figure 7. Reference Output Voltage Change
versus Temperature
0
400
800
1200
1600
2000
0
20
406080
100
0
0.5
1.0
1.5
2.0
2.5
3.0
0.1
0.3
0.6
1.0
3.0
6.0
10
10 k
100 k
1.0M
10M
-55
-25
0
25
50
75
125
100
VCC = 12 V
VO = 2.0 V
RL = 100 k
TA = 25°C
VCC = 12 V
RL = ∞
*Vref at TA = 25°C
VCC = 12 V
COSC = 500 pF
ROSC = 100 k
TA = 25°C
Phase
Margin
= 64
°
*Vref = 5.1 V
CT = 200 pF
CT = 300 pF
CT = 500 pF
Phase
*Vref = 5.2 V
*Vref = 5.0 V


Số phần tương tự - MC33067_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33067DW ONSEMI-MC33067DW Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
MC33067DW ONSEMI-MC33067DW Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWG ONSEMI-MC33067DWG Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWR2 ONSEMI-MC33067DWR2 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC33067DWR2G ONSEMI-MC33067DWR2G Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
More results

Mô tả tương tự - MC33067_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
logo
Motorola, Inc
MC34066 MOTOROLA-MC34066 Datasheet
171Kb / 12P
   High Performance Resonant Mode Controllers
logo
ON Semiconductor
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com