công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM13H bảng dữ liệu(PDF) 11 Page - Silicon Touch Technology Inc.

tên linh kiện DM13H
Giải thích chi tiết về linh kiện  Maximum output voltage: 17V
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITI [Silicon Touch Technology Inc.]
Trang chủ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H bảng dữ liệu(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM13H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
Serial Data Interface
DM13H includes a flexible data transfer interface. The data can be transferred from DAI
pin to the shift registers at the rising edge of CLK. After all data are clocked in, a rising edge
of the
LAT signal can transfer the serial data to the data latches (Edge trigger). The serial
data format can be 16-bit or 10-bit wide, depending on the operating mode of the device.
Operation Mode
DM13H has two operating modes depending on the combination of CLK and LAT
signals. The table below shows the available operating modes. For normal operation (SD
mode), the data width of shift register is 16-bit, which is used to set 16 bits serial-in image
data. The sequence of the combination of CLK and LAT explains in following pages is
used to change the operation mode. If there are four triggering clock pulses (CLK) with high
level latch (LAT ), DM13H will change to command data input mode (CD mode) at falling
edge of the latch pulse (LAT ) then user can make ten triggering clock pulses to set 7-bit
GBC data (default value after power-on is 7’b1000000), 1-bit voltage level selection of short
detection (default value after power-on is 1’b1) and 1-bit sleep control data (default value is
1’b0)
OPERATION MODE
SHIFT REGISTER
Serial-in Data Input Mode (SD mode)
16-bit
Command Data Input Mode (CD mode)
10-bit


Số phần tương tự - DM13H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
More results

Mô tả tương tự - DM13H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com