công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM133 bảng dữ liệu(PDF) 10 Page - Silicon Touch Technology Inc.

tên linh kiện DM133
Giải thích chi tiết về linh kiện  CMOS Compatible Input/Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITI [Silicon Touch Technology Inc.]
Trang chủ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 bảng dữ liệu(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-9-
Version
:A.024
Detailed Description
1)Constant Current Output Value Setting
The output current is determined by resistor value multiplying a ratio. The resistor
connected between REXT pin and GND decides the base current output. The resistor
should be located as close to REXT terminal as possible to avoid the noise influence.
The graph below shows the approximate relation between resistor value and output
current value.
In the monochrome or full color LED display cases, for obtaining the uniformity or for
the white balance between modules or ICs, the DM133 offers a more convenient way to
let control system to reach the goal by fine tuning the output current. To further adjust
the current level, the system shall set the DATASEL pin to low and then shift in 6 bits
data code through SERIAL_IN pin. The MSB should be shifted-in first. Take the input
code = (MSB)100101(LSB) for example. The new current is then equal to the base
current multiplied by
)
1
2
2
2
2
2
2
(
)
2
2
2
(
0
1
2
3
4
5
0
2
5
+
+
+
+
+
+
+
+
. The 6 bits data won’t be
changed until the next new data is latched. For some cases, the data only need to be
shifted once after power-on. Note that code: 011111 exists in chip when power on so
that the output current is nearly half amount of the base current.
2)Serial_In Data and Latch
As the DATASEL pin is set high, the SERIAL_IN data will be clocked into the 16 bits
shift register synchronized on the rising edge of CLOCK. And the data ‘1’ represents the
corresponding current output ‘ON’, while the data ‘0’ stands for ‘OFF’. The data will be
transferred into the latch as the LATCH pin goes high. And the data will be latched when
LATCH goes low.
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
02
46
8
10
12
14
16
Rext (Kohm)
Conditions:
Vout=1.5V, Vrext=1.2V.
1 channel turned on.
Iout is approximate to Vrext/Rrext*49.5 (5V)
Vrext/Rrext*46.6 (3.3V)
VDD=3.3V
VDD=5.0V


Số phần tương tự - DM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Mô tả tương tự - DM133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Touch Technolog...
ST2221A SITI-ST2221A Datasheet
202Kb / 17P
   5V CMOS Compatible Input
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
logo
Fujitsu Component Limit...
MBL82C43 FUJITSU-MBL82C43 Datasheet
447Kb / 11P
   CMOS INPUT/OUTPUT EXPANDER
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
   TTL compatible input and output
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
   TTL/CMOS Compatible Input (High Active)
logo
List of Unclassifed Man...
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1100C ETC1-SM1100C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com