công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SS400 bảng dữ liệu(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

tên linh kiện 1SS400
Giải thích chi tiết về linh kiện  High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Trang chủ  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

1SS400 bảng dữ liệu(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  1SS400 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1SS400 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1SS400 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 1SS400 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-
523 Plastic-Encapsulate
www.cj-elec.com
1
C,Mar,2015
Diodes
SOD-523
The marking bar indicates the cathode
Solid dot = Green molding compound device,
Maximum Ratings and Electrical Characteristics, Single Diode @T
a=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak
Reverse Voltage
VRM
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
225
mA
Average Rectified Output Current
IO
100
mA
IFSM
2.0
A
Power Dissipation
Pd
mW
Thermal Resistance Junction to Ambient
RθJA
℃/W
if none,the normal device.
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
Junction
Temperature
Storage
Temperature
Tj
15
0
TSTG
-
55~+150
15
0
833
1SS400 High Speed Switching Diode
FEATURES
Small surface mounting type
High speed
MARKING:A
Electrical Ratings @Ta=25
Parameter
Symbol
Min.
Typ. Max. Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
μA
VR=80V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHz
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100
90
A
A
High reliability with high surge current handing capability
Ω


Số phần tương tự - 1SS400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
   Switching diode
logo
Galaxy Semi-Conductor H...
1SS400 BILIN-1SS400 Datasheet
110Kb / 3P
   High speed Switching Diode
logo
Micro Commercial Compon...
1SS400 MCC-1SS400 Datasheet
202Kb / 2P
   90Volts High Speed Switching Diodes
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
Leshan Radio Company
1SS400 LRC-1SS400 Datasheet
50Kb / 2P
   Switching diode
More results

Mô tả tương tự - 1SS400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com