công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5400FE0081000 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 5400FE0081000
Giải thích chi tiết về linh kiện  20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil짰 shield tape (foil side out) with drain wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

5400FE0081000 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  5400FE0081000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5400FE0081000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5400FE0081000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5400FE Non-Paired - Commercial Audio Systems - 2 Conductors Cabled
For more information please
call
1-800-Belden1
See Put-ups and Colors
Description:
20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil® shield tape (foil side out) with drain wire, PVC jacket with
ripcord, sequential footage marking every two feet.
SUITABLE APPLICATIONS:
Suitable Applications
Intercom/PA Systems, Sound/Audio Systems
PHYSICAL CHARACTERISTICS:
CONDUCTOR:
Number of Conductors
2
Total Number of Conductors
2
AWG
20
Stranding
7x28
Conductor Material
BC - Bare Copper
INSULATION:
Insulation Material
PVC - Polyvinyl Chloride
Nom. Insulation Wall Thickness
.010 in.
OVERALL CABLING:
Overall Cabling Lay Length
3.0 in.
Overall Cabling Twists/ft.
4.0
Overall Cabling Color Code Chart :
Number
Color
1
Black
Number
Color
2
Red
OUTER SHIELD:
Outer Shield Material Trade Name
Beldfoil®
Outer Shield Type
Tape
Outer Shield Material
Aluminum Foil-Polyester Tape w/Shorting Fold
Outer Shield %Coverage
100 %
Outer Shield Drain Wire AWG
22
Outer Shield Drain Wire Stranding
7x30
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER JACKET:
Page 1 of 3


Số phần tương tự - 5400FE0081000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Belden Inc.
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-0081000 BELDEN-5400FE-0081000 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008500 BELDEN-5400FE-008500 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008U1000 BELDEN-5400FE-008U1000 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008U500 BELDEN-5400FE-008U500 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
More results

Mô tả tương tự - 5400FE0081000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
9534 ETC2-9534 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
5542FE ETC2-5542FE Datasheet
97Kb / 3P
   22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
28513 ETC2-28513 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28494 ETC2-28494 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28509 ETC2-28509 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
1682749 ETC2-1682749 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
28498 ETC2-28498 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
1300SB ETC2-1300SB Datasheet
109Kb / 3P
   24 AWG solid bare copper conductors, polypropylene insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com