công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SS400 bảng dữ liệu(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

tên linh kiện 1SS400
Giải thích chi tiết về linh kiện  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Trang chủ  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

1SS400 bảng dữ liệu(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  1SS400 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 1SS400 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. 1SS400 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS400
SMALL SIGNAL SWITCHING DIODE
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified)
(Ratings at 25°C ambient temperature unless otherwise specified)
VF
V
V
mA
pF
°C
°C
mW
VRSM
IFM
IFSM
CJ
PD
TJ
TSTG
trr
Non RepetitivePeak Reverse Voltage
-
Leakage current
at V
80V
=
R
Power dissipation at T =25 C
A
°
Reverse recovery time I =10mA
F
Junction temperature
Storage temperature range
Peak Forward Surge Current(Pulse Width 1s)
=
Junction capacitance at V =0 5V f=1mHz
R
.
Maximum (peak) forward current
MECHANICAL DATA
nA
R
SEMICONDUCT OR
Symbols
Value
Units
Symbol
Min.
Typ.
Max.
Units
Forward voltage
at I =100mA
F
-55 to +150
150
200
500
200
4
3
Small package
Fast switching diode
ns
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
31
-
IR
Low forward voltage
Small total capacitance
Fast reverse recovery time
JF
Case: SOD-523 plastic case
SOD-523
Dimensions in inches and (millimeters)
0.014(0 35
.)
0.010(0.25)
0.035(0 90 )
.
0.028(0 70)
.
0.051(1 30 )
.
0.043(1 10)
.
0.067(1 70)
.
0.059(1 50)
.
0.008(0.20)
MAX
5°
0.028(0 70)
.
0.020(0.50)
0.010(0.25)
MIN
100
mA
12
.
100
Breakdown Voltage
at I
100μA
=
R
V
BV
100


Số phần tương tự - 1SS400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Galaxy Semi-Conductor H...
1SS400 BILIN-1SS400 Datasheet
110Kb / 3P
   High speed Switching Diode
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
   Switching diode
logo
Micro Commercial Compon...
1SS400 MCC-1SS400 Datasheet
202Kb / 2P
   90Volts High Speed Switching Diodes
logo
Yea Shin Technology Co....
1SS400 YEASHIN-1SS400 Datasheet
1,011Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application High Speed Switching Diode
logo
SHENZHEN SLS TECHNOLOGY...
1SS400 SHENZHENSLS-1SS400 Datasheet
402Kb / 2P
   Plastic-Encapsulate Diodes
More results

Mô tả tương tự - 1SS400

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com