công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP11E bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện OP11E
Giải thích chi tiết về linh kiện  Quad Matched 741-Type Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP11E bảng dữ liệu(HTML) 4 Page - Analog Devices

  OP11E Datasheet HTML 1Page - Analog Devices OP11E Datasheet HTML 2Page - Analog Devices OP11E Datasheet HTML 3Page - Analog Devices OP11E Datasheet HTML 4Page - Analog Devices OP11E Datasheet HTML 5Page - Analog Devices OP11E Datasheet HTML 6Page - Analog Devices OP11E Datasheet HTML 7Page - Analog Devices OP11E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
OP11
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage
* . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . Continuous
(One Amp Only)
Storage Temperature Range
Y Package . . . . . . . . . . . . . . . . . . . . . . . . –65
∞C to +150∞C
P Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
∞C to +125∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
Operating Temperature Range
OP11A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP11E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
OP11F, OP11G . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
*Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP11 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Package Type
JA*
JC
Unit
14-Lead Plastic DIP (P)
83
39
∞C/W
14-Lead Hermetic DIP (Y)
108
15
∞C/W
*
qJA is specified for worst-case conditions, i.e., qJA is specified for device in
socket for CERDIP and P-DIP packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP11AY
* –40
∞C to +125∞C 14-Lead CERDIP
Y-14
OP11EP
–40
∞C to +125∞C 14-Lead Epoxy DIP P-14
OP11EY
* 0
∞C to 85∞C
14-Lead CERDIP
Y-14
OP11FP
*
–40
∞C to 85∞C
14-Lead Epoxy DIP
P-14
OP11GP
–40
∞C to 85∞C
14-Lead Epoxy DIP
P-14
*Not for new designs. Obsolete April 2002.
For Military processed devices, please refer to the Standard
Microcircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-89801012A
OP11ARCMDA
5962-8980101CA
OP11AYMDA
OP11A, OP11E
OP11F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage Match
DVOS
0.5
0.75
0.6
2.0
mV
Common-Mode Rejection Ratio Match
DCMRR VCM = ±12 V
1
20
1
20
mV/V
VCM =
±12 V
94
120
94
120
dB
Specifications subject to change without notice
MATCHING CHARACTERISTICS (@ V
S =
15 V, TA = 25 C, RS
£ 100 , unless otherwise noted)
OP11A, OP11E
OP11F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage Match
DVOS
0.6
1.0
1.0
2.5
mV
Common-Mode Rejection Ratio Match
DCMRR VCM = ±12 V
3.2
20
3.2
20
mV/V
VCM =
±12 V
94
110
94
110
dB
Specifications subject to change without notice
MATCHING CHARACTERISTICS
(@ VS =
15 V,
55 C
£ TA£+125 C for OP11A, 0 C £ TA£ 70 C for OP11E, 40 C £ TA£
+85 C for OP11F, RS
£ 100 , unless otherwise noted)


Số phần tương tự - OP11E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP11EP AD-OP11EP Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EP AD-OP11EP Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP11EPZ1 AD-OP11EPZ1 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
More results

Mô tả tương tự - OP11E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP11 AD-OP11_15 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
   QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
   QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
   MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com