công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD402M41RPB-5 bảng dữ liệu(PDF) 28 Page - List of Unclassifed Manufacturers

tên linh kiện AD402M41RPB-5
Giải thích chi tiết về linh kiện  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AD402M41RPB-5 bảng dữ liệu(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AD402M41RPB-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 21Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 22Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 23Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 24Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 25Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 26Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 27Page - List of Unclassifed Manufacturers AD402M41RPB-5 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Rev.1
Page 28
300 mil, 26/24-Pin TSOP II
D
(ZD)
b
M
REF.
4-1.27
6
8
1
26
19
21
RAD R1
A2
E
E1
SEATING PLANE
0.100(0.004")
e
A
RAD R
A1
L
DETAIL A
13
DETAIL A
0 ~5
B
c
B
14
b
SECTION B-B
BASE METAL
WITH PLATING
b1
c
c1
0.024
0.020
0.60
0.016
0.40
0.50
L
0.12
0.12
R
R1
---
---
---
0.25
0.005
0.005
---
0.010
---
---
0.0374 BASIC
0.050 BASIC
0.16
0.005
c1
0.12
0.15
17.01
9.02
7.49
e
E1
E
D
ZD
1.27 BASIC
7.62
9.22
7.75
9.42
0.355
0.295
17.27
17.14
0.95 REF.
0.670
0.95
0.05
0.12
0.30
0.30
c
b1
A2
A1
b
---
0.40
0.21
0.45
0.005
0.012
1.00
---
---
1.05
0.15
0.037
0.002
0.012
0.52
(0.006)
0.006
0.305
0.371
0.300
0.363
0.680
0.675
0.008
0.018
---
0.016
0.041
0.006
0.020
0.039
---
---
---
A
DIM
MIN.
---
NOM.
MILLIMETERS
1.20
MAX.
---
MIN.
0.047
MAX.
---
INCHES
NOM.
0.200(0.008")
ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD TO
3. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSIONS/INTRUSION.
INTERLEAD PROTRUSION SHALL NOT EXCEED 0.25(0.01") PER SIDE.
MOLD PROTRUSION SHALL NOT EXCEED 0.15(0.006") PER SIDE.
2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION.
1. CONTROLLING DIMENSION : MILLIMETERS
NOTE:
THAN THE MIN b DIMENSION BY MORE THAN 0.07mm.
DAMBAR INTRUSION SHALL NOT CAUSE THE LEAD TO BE NARROWER
BE WIDER THAN THE MAX b DIMENSION BY MORE THAN 0.13mm.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION.


Số phần tương tự - AD402M41RPB-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4020 AD-AD4020 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD4020 AD-AD4020 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD4020 AD-AD4020 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4020BCPZ-R2 AD-AD4020BCPZ-R2 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
More results

Mô tả tương tự - AD402M41RPB-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com