công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTB020N06KH8 bảng dữ liệu(PDF) 9 Page - Cystech Electonics Corp. |
|
MTB020N06KH8 bảng dữ liệu(HTML) 9 Page - Cystech Electonics Corp. |
9 / 10 page CYStech Electronics Corp. Spec. No. : C103H8 Issued Date : 2016.04.20 Revised Date : Page No. : 9/ 10 MTB020N06KH8 CYStek Product Specification Recommended wave soldering condition Soldering Time Product Peak Temperature Pb-free devices 260 +0/-5 °C 5 +1/-1 seconds Recommended temperature profile for IR reflow Profile feature Sn-Pb eutectic Assembly Pb-free Assembly Average ramp-up rate (Tsmax to Tp) 3 °C/second max. 3 °C/second max. Preheat −Temperature Min(TS min) −Temperature Max(TS max) −Time(ts min to ts max) 100 °C 150 °C 60-120 seconds 150 °C 200 °C 60-180 seconds Time maintained above: −Temperature (TL) − Time (tL) 183 °C 60-150 seconds 217 °C 60-150 seconds Peak Temperature(TP) 240 +0/-5 °C 260 +0/-5 °C Time within 5 °C of actual peak 10-30 seconds 20-40 seconds temperature(tp) Ramp down rate 6 °C/second max. 6 °C/second max. Time 25 °C to peak temperature 6 minutes max. 8 minutes max. Note : All temperatures refer to topside of the package, measured on the package body surface. |
Số phần tương tự - MTB020N06KH8 |
|
Mô tả tương tự - MTB020N06KH8 |