công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMBD914 bảng dữ liệu(PDF) 1 Page - Yea Shin Technology Co., Ltd

tên linh kiện MMBD914
Giải thích chi tiết về linh kiện  High?뭆peed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YEASHIN [Yea Shin Technology Co., Ltd]
Trang chủ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBD914 bảng dữ liệu(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MMBD914 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBD914 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBD914 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
MMBD914
High−Speed Switching
Diode
1
ANODE
3
CATHODE
Device
Package
Shipping
ORDERING INFORMATION
MMBD914
SOT−23
3000/Tape & Reel
SOT–23 (TO–236AB)
1
2
3
5D
5D = Device Code
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR–5 Board (Note 1.)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2.)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–55 to
+150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 100 mAdc)
V(BR)
100
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
25
5.0
nAdc
mAdc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
4.0
ns
1. FR–5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Rating
MAXIMUM RATINGS
Features
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
H


Số phần tương tự - MMBD914

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Foshan Blue Rocket Elec...
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD914 WTE-MMBD914 Datasheet
59Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Shenzhen Luguang Electr...
MMBD914 LUGUANG-MMBD914 Datasheet
204Kb / 2P
   High-speed Switching Diode
logo
Galaxy Semi-Conductor H...
MMBD914 BILIN-MMBD914 Datasheet
123Kb / 4P
   High-speed switching diode
More results

Mô tả tương tự - MMBD914

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
First Silicon Co., Ltd
FDS914 FS-FDS914 Datasheet
353Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1_07 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
MMBD914LT1 ONSEMI-MMBD914LT1 Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
logo
AiT Semiconductor Inc.
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
logo
ON Semiconductor
NSD914XV2T1 ONSEMI-NSD914XV2T1 Datasheet
51Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
MMDL914T1 ONSEMI-MMDL914T1 Datasheet
47Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com