công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1270ARQZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADM1270ARQZ
Giải thích chi tiết về linh kiện  High Voltage Input Protection Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1270ARQZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADM1270ARQZ Datasheet HTML 1Page - Analog Devices ADM1270ARQZ Datasheet HTML 2Page - Analog Devices ADM1270ARQZ Datasheet HTML 3Page - Analog Devices ADM1270ARQZ Datasheet HTML 4Page - Analog Devices ADM1270ARQZ Datasheet HTML 5Page - Analog Devices ADM1270ARQZ Datasheet HTML 6Page - Analog Devices ADM1270ARQZ Datasheet HTML 7Page - Analog Devices ADM1270ARQZ Datasheet HTML 8Page - Analog Devices ADM1270ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADM1270
Rev. A | Page 3 of 21
SPECIFICATIONS
VCC/VSENSE+ = 4 V to 60 V, VSENSE = (VSENSE+ − VSENSE−) = 0 V, TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Operating Voltage Range
VCC
4
60
V
Quiescent Current
ICC
360
500
μA
GATE on
UV PIN
Input Current
IUV
0.005
0.2
μA
UV ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
μA
UV ≤ 5.5 V, TA = −40°C to +125°C
UV Threshold
UVTH
0.985
1.0
1.015
V
UV falling
UV Threshold Hysteresis
UVHYST
55
60
65
mV
UV Glitch Filter
UVGF
4
7
μs
50 mV overdrive
UV Propagation Delay
UVPD
6
8
μs
UV low to GATE pull-down circuit active
OV PIN
Input Current
IOV
0.005
0.2
μA
OV ≤ 5.5 V, TA = −40°C to +85°C
0.005
1
μA
OV ≤ 5.5 V, TA = −40°C to +125°C
OV Threshold
OVTH
0.985
1.0
1.015
V
OV rising
OV Threshold Hysteresis
OVHYST
25
30
35
mV
OV Glitch Filter
OVGF
0.5
2.0
μs
50 mV overdrive
OV Propagation Delay
OVPD
1.5
2.5
μs
OV high to GATE pull-up circuit active
SENSE−
Input Current
ISENSE−
20
40
70
μA
SENSE− = 60 V
VCAP PIN
Internally Regulated Voltage
VVCAP
3.546
3.6
3.636
V
0 μA ≤ IVCAP ≤ 1 mA, CVCAP = 1 μF
Undervoltage Lockout
UVLO
Rising
UVLORISE
3.4
V
VCC rising
Falling
UVLOFALL
3.0
V
VCC falling
Hysteresis
UVLOHYST
230
mV
ISET PIN
Input Current
IISET
0.005
0.2
μA
VISET ≤ VVCAP, TA = −40°C to +85°C
0.005
1
μA
VISET ≤ VVCAP, TA = −40°C to +125°C
Reference Select Threshold
VISETRSTH
2.55
2.6
2.65
V
If VISET > VISETRSTH, an internal reference (VCLREF) is used
Internal Reference
VCLREF
2
V
Accuracies included in total sense voltage
accuracies
Gain of Current Sense Amplifier
AVCSAMP
40
V/V
Accuracies included in total sense voltage
accuracies
RPFG PIN
Reverse Protection FET Gate Drive
Voltage
VRPFG
0
V
VCC ≤ 10 V
Reverse Protection FET Gate Drive
Voltage Offset
ΔVRPFG
10
12
14
V
ΔVRPFG = VCC − VRPFG, 60 V ≥ VCC ≥ 14 V, IRPFG ≤ 5 μA
RPFG Pull-Down (On) Current
IRPFGND
7
9
12
μA
VRPFG = VCC
GATE PIN
GATE Drive Voltage
ΔVGATE
10
12
14
V
ΔVGATE = VCC − VGATE, 60 V ≥ VCC ≥ 14 V, IGATE ≤ 5 μA
GATE Pull-Down (On) Current
IGATEDN
20
25
30
μA
VGATE = VCC
GATE Pull-Up (Off ) Current
IGATEUP
Regulation
IGATEUP_REG
−50
−65
−80
μA
ΔVGATE ≥ 2 V, (VSENSE+ − VSENSE−) = 70 mV
Fault
IGATEUP_FLT
−7
−13
−20
mA
ΔVGATE = 2 V


Số phần tương tự - ADM1270ARQZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ AD-ADM1272-1ACPZ Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1272-1ACPZ-RL AD-ADM1272-1ACPZ-RL Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1275 AD-ADM1275 Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1275-1ACPZ AD-ADM1275-1ACPZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results

Mô tả tương tự - ADM1270ARQZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
0RQB-S0M12X BEL-0RQB-S0M12X Datasheet
829Kb / 12P
   Input Under-voltage Protection High Efficiency
logo
Arch Electronics Corp.
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
POL10 ARCH-POL10 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
POL10.16 ARCH-POL10.16 Datasheet
365Kb / 3P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR45D ARCH-BR45D Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360_16 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com