công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7091R-5BRUZ-RL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD7091R-5BRUZ-RL7
Giải thích chi tiết về linh kiện  4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BRUZ-RL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD7091R-5BRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-5BRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
4-Channel, I2C, Ultralow Power,
12-Bit ADC in 20-Lead LFCSP/TSSOP
Data Sheet
AD7091R-5
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I2C-compatible serial interface supports standard and
fast modes
Ultralow power: 90 µW typical at 3 V in fast mode
Specified for VDD of 2.7 V to 5.25 V
On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
4 single-ended analog input channels
ALERT function
BUSY function
Autocycle mode
Wide input bandwidth
68 dB signal-to-noise ratio (SNR) typical at input
frequency of 1 kHz
Flexible power/throughput rate management
No pipeline delays
Power-down mode
550 nA typical at VDD = 5.25 V
435 nA typical at VDD = 3 V
20-lead LFCSP and TSSOP packages
Temperature range: −40°C to +125°C
APPLICATIONS
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
Optical sensors
Diagnostic/monitoring functions
FUNCTIONAL BLOCK DIAGRAM
INPUT
MUX
CHANNEL
SEQUENCER
CONTROL
LOGIC
I2C INTERFACE
T/H
RESET
CONVST/GPO1
SDA
SCL
AS0
AS1
VDRIVE
VIN0
MUXOUT
ADCIN
VDD
REFIN/
REFOUT
REGCAP
ALERT/BUSY/
GPO0
GPO2 GND
GND
VIN1
VIN2
VIN3
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
ON-CHIP
OSC
2.5V
VREF
AD7091R-5
Figure 1.
GENERAL DESCRIPTION
The AD7091R-5 is a 12-bit, multichannel, ultralow power, succes-
sive approximation analog-to-digital converter (ADC). The
AD7091R-5 operates from a single 2.7 V to 5.25 V power supply
and typically consumes only 24 µA at a 3 V supply in fast mode.
The AD7091R-5 provides a 2-wire serial interface compatible
with I2C interfaces. The conversion process can be controlled by
a sample mode via the CONVST/GPO1 pin, an autocycle mode
selected through software control, or a command mode in
which conversions occur across I2C write operations.
The device contains a wide bandwidth track-and-hold amplifier
that can handle input frequencies up to 1.5 MHz. The AD7091R-5
also features an on-chip conversion clock, an on-chip accurate
2.5 V reference, and a programmable out of bounds user alert
function.
The AD7091R-5 offers four single-ended analog input channels
with a channel sequencer that allows a preprogrammed
selection of channels to be converted sequentially.
The AD7091R-5 uses advanced design techniques to achieve
ultralow power dissipation without compromising performance. It
also features flexible power management options. An on-chip
configuration register allows the user to set up different operating
conditions. These include power management, alert functionality,
busy indication, channel sequencing, and general-purpose output
pins. The MUXOUT and ADCIN pins allow signal conditioning of the
multiplexer output before acquisition by the ADC.


Số phần tương tự - AD7091R-5BRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7091R-5BRUZ-RL7 AD-AD7091R-5BRUZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

Mô tả tương tự - AD7091R-5BRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com