công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SBW-5089Z bảng dữ liệu(PDF) 1 Page - RF Micro Devices

tên linh kiện SBW-5089Z
Giải thích chi tiết về linh kiện  MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RFMD [RF Micro Devices]
Trang chủ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089Z bảng dữ liệu(HTML) 1 Page - RF Micro Devices

  SBW-5089Z Datasheet HTML 1Page - RF Micro Devices SBW-5089Z Datasheet HTML 2Page - RF Micro Devices SBW-5089Z Datasheet HTML 3Page - RF Micro Devices SBW-5089Z Datasheet HTML 4Page - RF Micro Devices SBW-5089Z Datasheet HTML 5Page - RF Micro Devices SBW-5089Z Datasheet HTML 6Page - RF Micro Devices SBW-5089Z Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
1 of
7
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SBW-5089(Z)
DCto8GHz CASCADABLE InGaP/GaAs HBT
MMIC AMPLIFIER
The SBW-5089(Z) is a high performance InGaP/GaAs HBT MMIC Amplifier. A Dar-
lington circuit fabricated with InGaP process technology provides broadband RF per-
formance up to 8GHz and excellent thermal performance. The heterojunction
increases breakdown voltage and minimizes leakage current between junctions.
Cancellation of emitter junction non-linearities results in high suppression of inter-
modulation products. Operation requires only a single positive voltage supply, 2 DC-
blocking capacitors, a bias resistor and an RF choke.
Gain Return Loss versus Frequency, ID=80mA (Typ),
Tuned Application Circut
0
5
10
15
20
25
0123
4567
8
Frequency (GHz)
-25
-20
-15
-10
-5
0
Gain
ORL
IRL
Available in RoHS Compliant and
Pb-Free (Z Part Number)
50
 Cascadable Gain Block
Wideband Flat Gain to 3GHz:
+/-1.4dB
P1dB= 13.4 at 6GHz
Input / Output VSWR
<2:3to8GHz
Patented Thermal Design
Single Voltage Supply Operation
Applications
Wideband Instrumentation
Fiber Optic Driver
OC-48
Basestation
SAT COM
DS150923
Package: SOT-89
SBW-5089(Z)
DCto8GHz
Cascadable
InGaP/GaAs
HBT MMIC
Amplifier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain, PC board and
connector losses de-embedded
19.3
20.3
21.3
dB
850MHz
1
6.7
1
7.5
19.0
dB
3000MHz
17.2
dB
4200MHz
14.
2
15
.0
16.5
dB
6000MHz
Output Power at 1dB Compression
20.1
dBm
850MHz
18.4
19.4
dBm
1950MHz
Output Third Order Intercept Point
35.5
dBm
850MHz
32.0
34.0
dBm
1950MHz
Output Power
13.0
dBm
1950MHz, -45dBc ACP IS-95 9 Forward Chan-
nels (POUT)
Determined by Return Loss
6000
MHz
>10dB
Noise Figure
3.9
4.4
dB
1950MHz
Worst case Input Return Loss
7.0
10.0
dB
DCto6000MHz
Worst case Output Return Loss
8.0
10.0
dB
DCto6000MHz
Device Operating Voltage
4.5
4.9
5.3
V
Device Operating Current
72.0
80.0
88.0
mA
Thermal Resistance
70
°C/W
junction to backside
Test Conditions: VS=8V ID=80mA Typ. OIP3 Tone Spacing=1MHz TL=25°C
Bias Resistance=39
POUT per tone=0dBm ZS=ZL=50


Số phần tương tự - SBW-5089Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089Z RFMD-SBW-5089Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results

Mô tả tương tự - SBW-5089Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com