công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1260ACPZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADM1260ACPZ
Giải thích chi tiết về linh kiện  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1260ACPZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADM1260ACPZ Datasheet HTML 2Page - Analog Devices ADM1260ACPZ Datasheet HTML 3Page - Analog Devices ADM1260ACPZ Datasheet HTML 4Page - Analog Devices ADM1260ACPZ Datasheet HTML 5Page - Analog Devices ADM1260ACPZ Datasheet HTML 6Page - Analog Devices ADM1260ACPZ Datasheet HTML 7Page - Analog Devices ADM1260ACPZ Datasheet HTML 8Page - Analog Devices ADM1260ACPZ Datasheet HTML 9Page - Analog Devices ADM1260ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
ADM1260
Data Sheet
Rev. 0 | Page 6 of 71
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG-TO-DIGITAL CONVERTER
Signal Range
0
VREFIN
V
The ADC can convert signals presented to the VH, VPx,
and VXx pins; the VPx and VH input signals are attenuated
depending on the selected range; a signal at the pin
corresponding to the selected range is from 0.573 V to
1.375 V at the ADC input
Input Reference Voltage on
REFIN Pin, VREFIN
2.048
V
Resolution
12
Bits
Integral Nonlinearity (INL)
±2.5
LSB
Endpoint corrected, VREFIN = 2.048 V
Gain Error
±0.05
%
VREFIN = 2.048 V
Conversion Time
0.44
ms
One conversion on one channel
84
ms
All 12 channels selected, 16× averaging enabled
Offset Error
±2
LSB
VREFIN = 2.048 V
Input Noise
0.25
LSB rms
Direct input (no attenuator)
BUFFERED VOLTAGE OUTPUT DACs
Resolution
8
Bits
Code 0x7F Output Voltage
Six DACs are individually selectable for centering on
one of four output voltage ranges
Range 1
0.592
0.6
0.603
V
Range 2
0.796
0.8
0.803
V
Range 3
0.996
1
1.003
V
Range 4
1.246
1.25
1.253
V
Output Voltage
601.25
mV
Reflects the DAC output voltage range, independent of
center point
LSB Step Size
2.36
mV
INL
±0.75
LSB
Endpoint corrected
DNL
±0.4
LSB
Gain Error
1
%
Maximum Load Current
Source
100
μA
Sink
100
μA
Maximum Load Capacitance
50
pF
Settling Time to 50 pF Load
2
μs
Load Regulation
2.5
mV
Per mA
Power Supply Rejection Ratio (PSRR)
60
dB
DC
40
dB
100 mV step in 20 ns with 50 pF load
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current, IDACxMAX = −100 μA
0.25
mV
Sinking current, IDACxMAX = 100 μA
Minimum Load Capacitance
1
μF
Capacitor required for decoupling, stability
PSRR
60
dB
DC
PROGRAMMABLE DRIVER OUTPUTS
High Voltage Charge Pump Mode
(PDO1 to PDO6)
Output Impedance
500
Output Voltage When PDOx is
High (VOH)
11
12.5
14
V
Current drawn when PDOx is high (IOH) = 0 μA
10.5
12
13.5
V
IOH = 1 μA
8
10
13.5
V
IOH = 7 μA2
Average Output Current (IOUTAVG)
20
μA
2 V < VOH < 7 V


Số phần tương tự - ADM1260ACPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266-EVALZ AD-ADM1266-EVALZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ AD-ADM1266ACPZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ-R7 AD-ADM1266ACPZ-R7 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
More results

Mô tả tương tự - ADM1260ACPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com