công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N261-010-6MF-BL bảng dữ liệu(PDF) 1 Page - Tripp Lite. All Rights Reserved

tên linh kiện N261-010-6MF-BL
Giải thích chi tiết về linh kiện  Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 10 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N261-010-6MF-BL bảng dữ liệu(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N261-010-6MF-BL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N261-010-6MF-BL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Augmented Cat6/Cat6a Pre-Terminated Copper
Trunk Bundle, (6x) RJ45 (M/F), 10 ft.
MODEL NUMBER: N261-010-6MF-BL
Description
The N261-010-6MF-BL Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle (M/F) makes installation a breeze and saves you time, space and
money. All termination, bundling and testing is done at the factory, so almost anyone can do the installation in your data center in less time. Six certified and
channel-tested Cat6a cables are bundled together, which cuts down on cable clutter in your cabinet. Ends feature an unshielded female RJ45 keystone jack
and a male RJ45 plug with gold-plated 50µ contacts.
Designed for easy patching in switches and patch panels, this 10-foot assembly is constructed using 23 AWG solid conductor wire with a blue CMR-rated PVC
jacket. Black mesh tubing keeps the cable neat, and 18-inch breakout legs are labeled on the ends for quick identification. System components meet or
exceed ANSI/TIA-568-C.2 category requirements for performance. Backward compatible with Cat6 and Cat5e installations too.
Features
Combines 6 Certified Cat6a Cables in One Bundle
100% terminated, bundled and tested at the factory
Ideal for data centers and other areas where quick installation and consistent network connection are important
Designed for easy connection in switches and patch panels
Saves time, space and labor costs
Top-of-the-Line Construction
Unshielded female RJ45 keystone jack
Male RJ45 plug with gold-plated 50µ contacts
23 AWG solid conductor wire
Blue CMR-rated PVC jacket
Black mesh tubing keeps cables neat
18 in. breakout legs labeled on ends for quick ID
Fully Compliant and Compatible
Meets or exceeds ANSI/TIA-568-C.2 category requirements for performance
Highlights
100% factory-terminated,
-bundled and -tested
6 certified Cat6a cables per
bundle
Male and female RJ45 connectors
23 AWG solid conductor wire with
CMR-rated PVC jacket
Meets or exceeds
ANSI/TIA-568-C.2 standards
Package Includes
N261-010-6MF-BL Augmented
Cat6/Cat6a Pre-Terminated
Copper Trunk Bundle (M/F), 10 ft.
1 / 2


Số phần tương tự - N261-010-6MF-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N261-010-6MM-BL TRIPPLITE-N261-010-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 10 ft.
More results

Mô tả tương tự - N261-010-6MF-BL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N261-010-6FF-BL TRIPPLITE-N261-010-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 10 ft.
N261-010-6MM-BL TRIPPLITE-N261-010-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 10 ft.
N261-006-6MF-BL TRIPPLITE-N261-006-6MF-BL Datasheet
508Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 6 ft.
N261-015-6MF-BL TRIPPLITE-N261-015-6MF-BL Datasheet
503Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/F), 15 ft.
N261-006-6FF-BL TRIPPLITE-N261-006-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 6 ft.
N261-015-6FF-BL TRIPPLITE-N261-015-6FF-BL Datasheet
489Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (F/F), 15 ft.
N261-015-6MM-BL TRIPPLITE-N261-015-6MM-BL Datasheet
494Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 15 ft.
N261-006-6MM-BL TRIPPLITE-N261-006-6MM-BL Datasheet
498Kb / 2P
   Augmented Cat6/Cat6a Pre-Terminated Copper Trunk Bundle, (6x) RJ45 (M/M), 6 ft.
N261-010-AQ TRIPPLITE-N261-010-AQ Datasheet
159Kb / 2P
   Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Aqua, 10-ft.
N261-010-BK TRIPPLITE-N261-010-BK Datasheet
157Kb / 2P
   Augmented Cat6 (Cat6a) Snagless 10G Certified Patch Cable, (RJ45 M/M) - Black, 10-ft.
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com