công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ51A bảng dữ liệu(PDF) 4 Page - Olitech Electronics Co.Ltd |
|
SMBJ51A bảng dữ liệu(HTML) 4 Page - Olitech Electronics Co.Ltd |
4 / 4 page 100 10 1.0 0.1 0.1ms 1.0ms 10ms 100ms 1.0ms 10ms FIG. 1-PEAK PULSE POWER RATING CURVE td,PULSE WIDTH,sec. 1.0 10 100 100 0 80 80 40 FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE UNIDIRECTIONAL FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY NUMBER OF CYCLES AT 60Hz 100 75 50 25 0 0 25 50 75 100 125 150 175 FIG. 2-PULSE DERATING CURVE TA, AMBIENT TEMPERATURE,( C) NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 TA=25 C 0.2x0.2” (0.5x0.5mm) COPPER PAD AREAS 0.2x0.2” (0.5x0.5mm) COPPER PAD AREAS 20 TJ=TJmax. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 5.00 3.75 2.50 1.25 0 0 25 50 75 100 125 150 175 FIG.5-STEADY STATE POWER DERATING CURVE TL,LEAD TEMPERATURE, C 60Hz RESISTIVE OR INDUCTIVE LOAD 0.2x0.2” (0.5x0.5mm) COPPER PAD AREAS 150 100 50 0 0 1.0 2.0 3.0 4.0 FIG.3-PULSE WAVEFORM t,TIME,ms 10/1000msec WAVEFORM as DFINED by R.E.A PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IppM PEAK VALUE IppM HALF VALUE I PPM 2 tr=10msec td RATINGS AND CHARACTERISTIC CURVES SMBJ5.0A THUR SMBJ440CA 10,000 1,000 100 10 1.0 10 100 200 V(BR),BREAKDOWN VOLTAGE,VOLTS TJ=25 C f=1.0MHz Vsig=50mVp-p MEASURED at STAND-OFF VOLTAGE,VwM MEASURED at ZERO BIAS Email: info@olitech-elec.com Website: www.olitech-elec.com OLITECH ELECTRONICS CO. LTD. Page: P4 - P4 |
Số phần tương tự - SMBJ51A |
|
Mô tả tương tự - SMBJ51A |