công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98722 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98722
Giải thích chi tiết về linh kiện  Channel, 16-Bit, 45 MSPS Analog Front End
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM98722 Datasheet HTML 5Page - Texas Instruments LM98722 Datasheet HTML 6Page - Texas Instruments LM98722 Datasheet HTML 7Page - Texas Instruments LM98722 Datasheet HTML 8Page - Texas Instruments LM98722 Datasheet HTML 9Page - Texas Instruments LM98722 Datasheet HTML 10Page - Texas Instruments LM98722 Datasheet HTML 11Page - Texas Instruments LM98722 Datasheet HTML 12Page - Texas Instruments LM98722 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
LM98722
www.ti.com
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
Electrical Characteristics (continued)
The following specifications apply for VA = VD = VC = 3.3 V, CL = 10 pF, and fINCLK = 15 MHz unless otherwise specified. All
other limits TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2) MAX(1)(3)
UNIT
INPUT SAMPLING CIRCUIT SPECIFICATIONS
CDS Gain=1x, PGA Gain=1x
2.3
VIN
Input Voltage Level
Vp-p
CDS Gain=2x, PGA Gain= 1x
1.22
Source Followers Off
19
CDS Gain = 1x
(-103)
25
μA
(-95)
OSX = VA (OSX = AGND)
Source Followers Off
Sample and Hold Mode Input
33
IIN_SH
CDS Gain = 2x
(-152)
50
μA
Leakage Current
(-141)
OSX = VA (OSX = AGND)
Source Followers On
20
CDS Gain = 2x
(-250)
250
nA
(-50)
OSX = VA (OSX = AGND)
Sample/Hold Mode
CDS Gain = 1x
2.5
pF
CSH
Equivalent Input Capacitance
CDS Gain = 2x
4
pF
CDS Mode
Source Followers Off
10
IIN_CDS
(-250)
250
nA
OSX = VA (OSX = AGND)
(-50)
Input Leakage Current
CLPIN Switch Resistance (OSX
RCLPIN
16
55
to VCLP Node)
VCLP REFERENCE CIRCUIT SPECIFICATIONS
VCLP Voltage 000
VCLP Voltage Setting = 000
0.85VA
V
VCLP Voltage 001
VCLP Voltage Setting = 001
0.9VA
V
VCLP Voltage 010
VCLP Voltage Setting = 010
0.95VA
V
VCLP Voltage 011
VCLP Voltage Setting = 011
0.6VA
V
VVCLP
VCLP Voltage 100
VCLP Voltage Setting = 100
0.55VA
V
VCLP Voltage 101
VCLP Voltage Setting = 101
0.4VA
V
VCLP Voltage 110
VCLP Voltage Setting = 110
0.35VA
V
VCLP Voltage 111
VCLP Voltage Setting = 111
0.15VA
V
VCLP DAC Short Circuit Output
ISC
30
mA
Current
BLACK LEVEL OFFSET DAC SPECIFICATIONS
Resolution
10
Bits
Monotonicity
Ensured by characterization
CDS Gain = 1x
Minimum DAC Code = 0x000
-614
mV
Maximum DAC Code = 0x3FF
614
Offset Adjustment Range
Referred to AFE Input
CDS Gain = 2x
Minimum DAC Code = 0x000
-307
mV
Maximum DAC Code = 0x3FF
307
Minimum DAC Code = 0x000
-17500
-16130
Offset Adjustment Range
LSB
Referred to AFE Output
Maximum DAC Code = 0x3FF
+16130
+17500
CDS Gain = 1x
mV
1.2
DAC LSB Step Size
(32)
Referred to AFE Output
(LSB)
DNL
Differential Non-Linearity
-0.85 +0.74/ -0.37
+2.4
LSB
INL
Integral Non-Linearity
-2.5 +0.72/ -0.56
+2.5
LSB
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98722


Số phần tương tự - LM98722

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
LM98722 TI1-LM98722 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722CCMT TI1-LM98722CCMT Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722CCMTX TI1-LM98722CCMTX Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results

Mô tả tương tự - LM98722

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
[Old version datasheet]   ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com