công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98725CCMT bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM98725CCMT
Giải thích chi tiết về linh kiện  3 Channel, 16-Bit, 81 MSPS Analog Front End
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98725CCMT bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM98725CCMT Datasheet HTML 3Page - Texas Instruments LM98725CCMT Datasheet HTML 4Page - Texas Instruments LM98725CCMT Datasheet HTML 5Page - Texas Instruments LM98725CCMT Datasheet HTML 6Page - Texas Instruments LM98725CCMT Datasheet HTML 7Page - Texas Instruments LM98725CCMT Datasheet HTML 8Page - Texas Instruments LM98725CCMT Datasheet HTML 9Page - Texas Instruments LM98725CCMT Datasheet HTML 10Page - Texas Instruments LM98725CCMT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 145 page
background image
LM98725
www.ti.com
SNAS474H – APRIL 2009 – REVISED MARCH 2015
6.4 Electrical Characteristics
The following specifications apply for VA = VD = VR = VC = 3.3 V, CL = 10 pF, and fINCLK = 27 MHz unless otherwise
specified. all other limits TA = 25°C.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
CMOS DIGITAL INPUT DC SPECIFICATIONS (RESETb, SH_R, SCLK, SENb)
VIH
Logical “1” Input Voltage
2.0
V
VIL
Logical “0” Input Voltage
0.8
V
VIHYST
Logic Input Hysteresis
0.6
V
VIH = VD:
RESET, SEN
100
nA
IIH
Logical “1” Input Current
SH_R, SCLK, SDI, CAL
65
μA
CE
30
VIL = DGND:
RESET, SEN
–65
μA
IIL
Logical “0” Input Current
SH_R, SCLK, SDI, CAL
–100
nA
CE
–30
μA
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (SH1 to SH5, RS, CP, PHIA, PHIB, PHIC)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
3.0
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.21
V
IOS
Output Short Circuit Current
VOUT = DGND
18
mA
VOUT= VD
–25
IOZ
CMOS Output TRI-STATE
VOUT = DGND
20
nA
Current
VOUT = VD
–25
CMOS DIGITAL OUTPUT DC SPECIFICATIONS (CMOS DATA OUTPUTS)
VOH
Logical “1” Output Voltage
IOUT = -0.5 mA
2.3
V
VOL
Logical “0” Output Voltage
IOUT = 1.6 mA
0.12
V
IOS
Output Short Circuit Current
VOUT = DGND
12
mA
VOUT= VD
–14
IOZ
CMOS Output TRI-STATE
VOUT = DGND
20
nA
Current
VOUT = VD
–25
LVDS/CMOS CLOCK RECEIVER DC SPECIFICATIONS (INCLK+ and INCLK-PINS)
VIHL
Differential LVDS Clock
200
mV
High Threshold Voltage
RL = 100 Ω
VCM (LVDS Input Common Mode Voltage)= 1.25 V
VILL
Differential LVDS Clock
–200
mV
Low Threshold Voltage
VIHC
CMOS Clock
2.0
V
High Threshold Voltage
INCLK- = DGND
VILC
CMOS Clock
0.8
V
Low Threshold Voltage
IIHL
CMOS Clock
230
260
μA
Input High Current
IILC
CMOS Clock
–135
–120
μA
Input Low Current
(1)
The analog inputs are protected as shown in Figure 2. Input voltage magnitudes beyond the supply rails will not damage the device,
provided the current is limited per Note 4 under the Absolute Maximum Ratings Table. However, input errors will be generated If the
input goes above VA and below AGND.
(2)
Test limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98725


Số phần tương tự - LM98725CCMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
More results

Mô tả tương tự - LM98725CCMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com