công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98722CCMTX bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM98722CCMTX
Giải thích chi tiết về linh kiện  Channel, 16-Bit, 45 MSPS Analog Front End
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMTX bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM98722CCMTX Datasheet HTML 1Page - Texas Instruments LM98722CCMTX Datasheet HTML 2Page - Texas Instruments LM98722CCMTX Datasheet HTML 3Page - Texas Instruments LM98722CCMTX Datasheet HTML 4Page - Texas Instruments LM98722CCMTX Datasheet HTML 5Page - Texas Instruments LM98722CCMTX Datasheet HTML 6Page - Texas Instruments LM98722CCMTX Datasheet HTML 7Page - Texas Instruments LM98722CCMTX Datasheet HTML 8Page - Texas Instruments LM98722CCMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
LM98722
CCD Timing
Generator
Analog Front End
CCD/CIS Sensor
Sensor Drivers
Image Processor/
ASIC
Data Output
SPI
Motor
Controllers
CLK
SSCG
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
LM98722 3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output,
Integrated CCD/CIS Sensor Timing Generator, and Spread Spectrum Clock Generation
1 Features
3 Description
The LM98722 is a fully integrated, high performance
1
LVDS/CMOS Outputs
16-Bit, 45 MSPS signal processing solution for digital
LVDS/CMOS/Crystal Clock Source with PLL
color copiers, scanners, and other image processing
Multiplication
applications.
High-speed
signal
throughput
is
Integrated Flexible Spread Spectrum Clock
achieved with an innovative architecture utilizing
Correlated
Double
Sampling
(CDS),
typically
Generation
employed with CCD arrays, or Sample and Hold
CDS or S/H Processing for CCD or CIS sensors
(S/H) inputs (for higher speed CCD or CMOS image
Independent Gain/Offset Correction for Each
sensors). The signal paths utilize 8 bit Programmable
Channel
Gain Amplifiers (PGA), a +/-9-Bit offset correction
Automatic per-Channel Gain and Offset
DAC and independently controlled Digital Black Level
correction loops for each input. The PGA and offset
Calibration
DAC are programmed independently allowing unique
Programmable Input Clamp Voltage
values of gain and offset for each of the three analog
Flexible CCD/CIS Sensor Timing Generator
inputs. The signals are then routed to a 45-MHz high
performance analog-to-digital converter (ADC). The
2 Applications
fully
differential
processing
channel
shows
exceptional noise immunity, having a very low noise
Multi-Function Peripherals
floor of -74dB. The 16-bit ADC has excellent dynamic
High-speed Currency/Check Scanners
performance making the LM98722 transparent in the
Flatbed or Handheld Color Scanners
image reproduction chain.
High-speed Document Scanners
A very flexible integrated Spread Spectrum Clock
Key Specifications:
Generation (SSCG) modulator is included to assist
with EM compliance and reduce system costs.
Maximum Input Level:
1.2-V or 2.4-V Modes (Both with + or -
Device Information
Polarity Option)
ORDER NUMBER
PACKAGE
BODY SIZE
ADC Resolution: 16-Bit
LM98722
TSSOP (56)
14.0 mm x 6.10 mm
ADC Sampling Rate: 45 MSPS
INL: +18/-25 LSB (typ)
Simplified Schematic
Channel Sampling Rate: 22.5/22.5/15 MSPS
(1ch/2ch/3ch)
PGA Gain Steps: 256 Steps
PGA Gain Range: 0.64 to 8.3x
Analog DAC Resolution: +/-9 Bits
Analog DAC Range: +/-307 mV or +/-614 mV
Digital DAC Resolution: +/-6 Bits
Digital DAC Range: -2048 LSB to + 2016 LSB
SNR: -74dB (at 0dB PGA Gain)
Power Dissipation: 630 mW (LVDS)
Operating Temp: 0 to 70°C
Supply Voltage: 3.3-V Nominal (3.0-V to 3.6-V
Range)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM98722CCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98722CCMTX TI1-LM98722CCMTX Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results

Mô tả tương tự - LM98722CCMTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
[Old version datasheet]   ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com