công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98722CCMT bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM98722CCMT
Giải thích chi tiết về linh kiện  Channel, 16-Bit, 45 MSPS Analog Front End
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722CCMT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM98722CCMT Datasheet HTML 1Page - Texas Instruments LM98722CCMT Datasheet HTML 2Page - Texas Instruments LM98722CCMT Datasheet HTML 3Page - Texas Instruments LM98722CCMT Datasheet HTML 4Page - Texas Instruments LM98722CCMT Datasheet HTML 5Page - Texas Instruments LM98722CCMT Datasheet HTML 6Page - Texas Instruments LM98722CCMT Datasheet HTML 7Page - Texas Instruments LM98722CCMT Datasheet HTML 8Page - Texas Instruments LM98722CCMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 150 page
background image
LM98722
SNAS487B – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
Pin Descriptions(1)
PIN
I/O
TYP
RES
DESCRIPTION
NO.
NAME
1
PHIC2
O
D
PU
Configurable high speed sensor timing output.
2
PHIC1
O
D
PD
Configurable high speed sensor timing output.
3
SH1
O
D
PU
Configurable low speed sensor timing output.
Chip Serial Interface Address Setting Input
CE LEVEL
ADDRESS
4
CE
I
D
VD
01
Float
10
DGND
00
5
CAL
I
D
PD
Initiate calibration sequence. Leave unconnected or tie to DGND if unused.
6
RESET
I
D
PU
Active-low master reset. NC when function not being used.
7
SH_R
I
D
PD
External request for an SH interval.
8
SDI
I
D
PD
Serial Interface Data Input.
9
SDO
O
D
Serial Interface Data Output.
10
SCLK
I
D
PD
Serial Interface shift register clock.
11
SEN
I
D
PU
Active-low chip enable for the Serial Interface.
12
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
13
AGND
P
Analog ground return.
14
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
15
VREFB
O
A
Bottom of ADC reference. Bypass with a 0.1
μF capacitor to ground.
16
VREFT
O
A
Top of ADC reference. Bypass with a 0.1
μF capacitor to ground.
17
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
18
AGND
P
Analog ground return.
Input Clamp Voltage. Normally bypassed with a 0.1
μF , and a 4.7μF capacitor to
19
VCLP
IO
A
AGND. An external reference voltage may be applied to this pin.
20
VA
P
Analog power supply. Bypass voltage source with 4.7
μF and pin with 0.1μF to AGND.
21
IBIAS
O
A
Bias setting pin. Connect a 9.0 k
Ω 1% resistor to AGND.
22
AGND
P
Analog ground return.
23
OSR
I
A
Analog input signal. Typically sensor Red output AC-coupled thru a capacitor.
24
AGND
P
Analog ground return.
25
OSG
I
A
Analog input signal. Typically sensor Green output AC-coupled thru a capacitor.
26
AGND
P
Analog ground return.
27
OSB
I
A
Analog input signal. Typically sensor Blue output AC-coupled thru a capacitor.
Charge Pump Filter Capacitor. Bypass this supply pin with a 0.1
μF capacitor to
28
CPOFILT2
A
CPOFILT1.
29
DGND
P
Digital ground return.
Charge Pump Filter Capacitor. Bypass this supply pin with a 0.1
μF capacitor to
30
CPOFILT1
A
CPOFILT2.
31
DVB
O
D
Digital Core Voltage bypass. Not an input. Bypass with 0.1
μF capacitor to DGND.
Clock Input. Non-Inverting input for LVDS clocks or CMOS clock input. CMOS clock is
32
INCLK+
I
D
selected when pin 33 is held at DGND, otherwise clock is configured for LVDS
operation.
33
INCLK-
I
D
Clock Input. Inverting input for LVDS clocks, connect to DGND for CMOS clock.
DOUT7/
Bit 7 of the digital video output bus in CMOS Mode, LVDS Frame Clock+ in LVDS
34
O
D
Mode.
TXCLK+
DOUT6/
Bit 6 of the digital video output bus in CMOS Mode, LVDS Frame Clock- in LVDS
35
O
D
Mode.
TXCLK-
(1)
(I=Input), (O=Output), (IO=Bi-directional), (P=Power), (D=Digital), (A=Analog), (PU=Pull Up with an internal resistor), (PD=Pull Down
with an internal resistor.).
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM98722


Số phần tương tự - LM98722CCMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98722CCMT TI1-LM98722CCMT Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722CCMTX TI1-LM98722CCMTX Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
More results

Mô tả tương tự - LM98722CCMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
[Old version datasheet]   16-Channel, Ultrasound, Analog Front-End
ADS8686S TI1-ADS8686S Datasheet
1Mb / 98P
[Old version datasheet]   ADS8686S 16-Channel, 16-Bit, 1-MSPS, Dual, Simultaneous Sampling ADC With Integrated Analog Front-End
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640 TI1-LM98640_14 Datasheet
804Kb / 46P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com