công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1120IPWR bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1120IPWR
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120IPWR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button ADS1120IPWR Datasheet HTML 6Page - Texas Instruments ADS1120IPWR Datasheet HTML 7Page - Texas Instruments ADS1120IPWR Datasheet HTML 8Page - Texas Instruments ADS1120IPWR Datasheet HTML 9Page - Texas Instruments ADS1120IPWR Datasheet HTML 10Page - Texas Instruments ADS1120IPWR Datasheet HTML 11Page - Texas Instruments ADS1120IPWR Datasheet HTML 12Page - Texas Instruments ADS1120IPWR Datasheet HTML 13Page - Texas Instruments ADS1120IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
±1.00
±0.75
±0.50
±0.25
0.00
0.25
0.50
0.75
1.00
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C002
±160
±140
±120
±100
±80
±60
±40
±20
0
0.1
1
10
100
1000
Frequency (kHz)
Gain = 1
Gain = 128
C016
0
200
400
600
800
1000
Initial Reference Voltage (V)
C042
2.045
2.046
2.047
2.048
2.049
2.050
2.051
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
AVDD = 3.3 V
AVDD = 5.0 V
C021
±20
±15
±10
±5
0
5
10
15
20
±100
±75
±50
±25
0
25
50
75
100
V
IN (% of FS)
Gain = 1
Gain = 32
PGA Disabled
C043
±20
±15
±10
±5
0
5
10
15
20
±100
±75
±50
±25
0
25
50
75
100
V
IN (% of FS)
Gain = 1
Gain = 32
PGA Disabled
C044
ADS1120
SBAS535B – AUGUST 2013 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3.3 V, AVSS = 0 V, and PGA enabled using external Vref = 2.5 V (unless otherwise noted).
AVDD = 3.3 V, internal reference, normal mode
AVDD = 5.0 V, internal reference, normal mode
Figure 9. Integral Nonlinearity vs
Figure 10. Integral Nonlinearity vs
Differential Input Signal
Differential Input Signal
TA = 25°C, data from 5490 devices
Figure 12. Internal Reference Voltage vs Temperature
Figure 11. Internal Reference Voltage Histogram
DVDD = 3.3 V, normal mode
Figure 13. Internal Oscillator Accuracy vs Temperature
Figure 14. AVDD Power-Supply Rejection Ratio vs
Frequency
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ADS1120


Số phần tương tự - ADS1120IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120IPWR TI1-ADS1120IPWR Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPWR TI1-ADS1120IPWR Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS1120IPWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Linear Technology
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com