công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS42JB49IRGCR bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS42JB49IRGCR
Giải thích chi tiết về linh kiện  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS42JB49IRGCR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS42JB49IRGCR Datasheet HTML 2Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 3Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 4Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 5Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 6Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 7Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 8Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 9Page - Texas Instruments ADS42JB49IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ADS42JB49, ADS42JB69
SLAS900F – OCTOBER 2012 – REVISED DECEMBER 2014
www.ti.com
Pin Functions: JESD204B Output Interface
PIN
DESCRIPTION
NAME
NO.
I/O
FUNCTION
12, 15, 19, 20,
AGND
23, 26, 28, 34,
I
Supply
Analog ground
37
11, 16, 18, 22,
AVDD
27, 31, 33, 38,
I
Supply
1.8-V analog power supply
40
AVDD3V
17, 32
I
Supply
3.3-V analog supply for analog buffer
CLKINM
24
I
Clock
Differential ADC clock input
CLKINP
25
I
Clock
Differential ADC clock input
CTRL1
39
I
Control
Power-down control with an internal 150-k
Ω pull-down resistor
CTRL2
10
I
Control
Power-down control with an internal 150-k
Ω pull-down resistor
DA0P/M
54, 53
O
Interface
JESD204B serial data output for channel A, lane 0
DA1P/M
52,51
O
Interface
JESD204B serial data output for channel A, lane 1
DB0P/M
56,57
O
Interface
JESD204B serial data output for channel B, lane 0
DB1P/M
58,59
O
Interface
JESD204B serial data output for channel B, lane 1
1, 3, 46, 48,
DGND
I
Supply
Digital ground
50, 63
2, 7, 47, 49,
DRVDD
I
Supply
Digital 1.8-V power supply
60, 64
INAM
35
I
Input
Differential analog input for channel A
INAP
36
I
Input
Differential analog input for channel A
INBM
14
I
Input
Differential analog input for channel B
INBP
13
I
Input
Differential analog input for channel B
IOVDD
55
I
Supply
Digital 1.8-V power supply for the JESD204B transmitter
MODE
4
I
Control
Connect to GND
OVRA
61
O
Interface
Overrange indication channel A in CMOS output format.
OVRB
62
O
Interface
Overrange indication channel B in CMOS output format.
PDN_GBL
6
I
Control
Global power down. Active high with an internal 150-k
Ω pull-down resistor.
RESET
44
I
Control
Hardware reset; active high. This pin has an internal 150-k
Ω pull-down resistor.
SCLK
43
I
Control
Serial interface clock input. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
42
I
Control
Serial interface data input. This pin has an internal 150-k
Ω pull-down resistor.
SDOUT
45
O
Control
Serial interface data output
SEN
41
I
Control
Serial interface enable. This pin has an internal 150-k
Ω pull-up resistor.
STBY
5
I
Control
Standby. Active high with an internal 150-k
Ω pull-down resistor.
SYNC~P
9
I
Interface
Synchronization input for JESD204B port
SYNC~M
8
I
Interface
Synchronization input for JESD204B port
SYSREFM
30
I
Clock
External SYSREF input (subclass 1)
SYSREFP
29
I
Clock
External SYSREF input (subclass 1)
VCM
21
O
Output
1.9-V common-mode output voltage for analog inputs
Thermal pad
GND
Ground
Connect to ground plane
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69


Số phần tương tự - ADS42JB49IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB49IRGCR TI-ADS42JB49IRGCR Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49IRGCR TI1-ADS42JB49IRGCR Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49IRGCR TI1-ADS42JB49IRGCR Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results

Mô tả tương tự - ADS42JB49IRGCR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com