công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1120 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADS1120
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS1120_15 Datasheet HTML 7Page - Texas Instruments ADS1120_15 Datasheet HTML 8Page - Texas Instruments ADS1120_15 Datasheet HTML 9Page - Texas Instruments ADS1120_15 Datasheet HTML 10Page - Texas Instruments ADS1120_15 Datasheet HTML 11Page - Texas Instruments ADS1120_15 Datasheet HTML 12Page - Texas Instruments ADS1120_15 Datasheet HTML 13Page - Texas Instruments ADS1120_15 Datasheet HTML 14Page - Texas Instruments ADS1120_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
±60
±40
±20
0
20
40
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
Differential Input Voltage V
IN (V)
Ta =
±40ƒC
Ta = 25°C
Ta = 85°C
Ta = 125°C
C038
±60
±40
±20
0
20
40
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
Differential Input Voltage V
IN (V)
Ta =
±40ƒC
Ta = 25°C
Ta = 85°C
Ta = 125°C
C039
±50
±40
±30
±20
±10
0
10
20
0.5
1.0
1.5
2.0
2.5
3.0
Absolute Input Voltage V
(AINx) (V)
AIN0
AIN1
AIN2
AIN3
C032
±250
±200
±150
±100
±50
0
50
100
0.5
1.0
1.5
2.0
2.5
3.0
Absolute Input Voltage V
(AINx) (V)
AIN0
AIN1
AIN2
AIN3
C033
±15
±10
±5
0
5
10
15
0.5
1.0
1.5
2.0
2.5
3.0
Absolute Input Voltage V
(AINx) (V)
AIN0
AIN1
AIN2
AIN3
C030
±15
±10
±5
0
5
10
15
0.5
1.0
1.5
2.0
2.5
3.0
Absolute Input Voltage V
(AINx) (V)
AIN0
AIN1
AIN2
AIN3
C031
ADS1120
www.ti.com
SBAS535B – AUGUST 2013 – REVISED JANUARY 2015
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3.3 V, AVSS = 0 V, and PGA enabled using external Vref = 2.5 V (unless otherwise noted).
AVDD = 3.3 V, PGA enabled, TA = –40°C
AVDD = 3.3 V, PGA enabled, TA = 25°C
Figure 15. Absolute Input Current vs
Figure 16. Absolute Input Current vs
Absolute Input Voltage
Absolute Input Voltage
AVDD = 3.3 V, PGA enabled, TA = 85°C
AVDD = 3.3 V, PGA enabled, TA = 125°C
Figure 17. Absolute Input Current vs
Figure 18. Absolute Input Current vs
Absolute Input Voltage
Absolute Input Voltage
AVDD = 3.3 V, PGA enabled, AINP = AIN0, AINN = AIN1
AVDD = 3.3 V, PGA enabled, AINP = AIN3, AINN = AIN2
Figure 19. Differential Input Current vs
Figure 20. Differential Input Current vs
Differential Input Voltage
Differential Input Voltage
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1120


Số phần tương tự - ADS1120_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Mô tả tương tự - ADS1120_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
logo
Linear Technology
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2217 LINER-LTC2217 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
LTC2217 LINER-LTC2217_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com