công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6N11 bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP6N11
Giải thích chi tiết về linh kiện  Rail-to-Rail Input and Output
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N11 bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP6N11 Datasheet HTML 3Page - Microchip Technology MCP6N11 Datasheet HTML 4Page - Microchip Technology MCP6N11 Datasheet HTML 5Page - Microchip Technology MCP6N11 Datasheet HTML 6Page - Microchip Technology MCP6N11 Datasheet HTML 7Page - Microchip Technology MCP6N11 Datasheet HTML 8Page - Microchip Technology MCP6N11 Datasheet HTML 9Page - Microchip Technology MCP6N11 Datasheet HTML 10Page - Microchip Technology MCP6N11 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25073A-page 7
MCP6N11
TABLE 1-3:
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = 1.8V to 5.5V, VSS = GND, EN/CAL =VDD,
VCM = VDD/2, VDM =0V, VREF =VDD/2, VL =VDD/2, RL =10kΩ to VL, CL = 60 pF and GDM =GMIN;
see Figure 1-6 and Figure 1-7.
Parameters
Sym
Min
Typ
Max
Units GMIN
Conditions
EN/CAL Low Specifications
EN/CAL Logic
Threshold, Low
VIL
VSS
—0.2 VDD
Vall
EN/CAL Input Current,
Low
IENL
-0.1
nA
EN/CAL = 0V
GND Current
ISS
-7
-2.5
µA
EN/CAL = 0V, VDD =5.5V
Amplifier Output Leakage IO(LEAK)
10
nA
EN/CAL = 0V
EN/CAL High Specifications
EN/CAL Logic
Threshold, High
VIH
0.8 VDD
VDD
Vall
EN/CAL Input Current,
High
IENH
-0.01
nA
EN/CAL = VDD
EN/CAL Dynamic Specifications
EN/CAL Input Hysteresis
VHYST
0.2
Vall
EN/CAL Low to Amplifier
Output High-Z Turn-off
Time
tOFF
3
10
µs
EN/CAL = 0.2VDD to VOUT = 0.1(VDD/2),
VDMGDM = 1 V, VL =0V
EN/CAL High to
Amplifier Output
On Time
tON
12
20
28
ms
EN/CAL = 0.8VDD to VOUT = 0.9(VDD/2),
VDMGDM = 1 V, VL =0V
EN/CAL Low to
EN/CAL High low time
tENLH
100
µs
Minimum time before externally
releasing EN/CAL (Note 1)
Amplifier On to
EN/CAL Low Setup Time
tENOL
—100
µs
POR Dynamic Specifications
VDD ↓ to Output Off
tPHL
—10
µs
all
VL =0V, VDD = 1.8V to
VPRL –0.1V step,
90% of VOUT change
VDD ↑ to Output On
tPLH
140
250
360
ms
VL =0V, VDD = 0V to VPRH +0.1V step,
90% of VOUT change
Note 1:
For design guidance only; not tested.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = 1.8V to 5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Operating Temperature Range
TA
-40
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-SOIC
θJA
—150
°C/W
Thermal Resistance, 8L-TDFN (2×3)
θJA
—53—
°C/W
Note 1:
Operation must not cause TJ to exceed the Absolute Maximum Junction Temperature specification (+150°C).


Số phần tương tự - MCP6N11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6N11-001 MICROCHIP-MCP6N11-001 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-002 MICROCHIP-MCP6N11-002 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005 MICROCHIP-MCP6N11-005 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005E MICROCHIP-MCP6N11-005E Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-010 MICROCHIP-MCP6N11-010 Datasheet
5Mb / 50P
   500 kHz, 800 關A Instrumentation Amplifier
08/02/11
More results

Mô tả tương tự - MCP6N11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
   CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com