công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23166YZTR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS5A23166YZTR
Giải thích chi tiết về linh kiện  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166YZTR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS5A23166YZTR Datasheet HTML 1Page - Texas Instruments TS5A23166YZTR Datasheet HTML 2Page - Texas Instruments TS5A23166YZTR Datasheet HTML 3Page - Texas Instruments TS5A23166YZTR Datasheet HTML 4Page - Texas Instruments TS5A23166YZTR Datasheet HTML 5Page - Texas Instruments TS5A23166YZTR Datasheet HTML 6Page - Texas Instruments TS5A23166YZTR Datasheet HTML 7Page - Texas Instruments TS5A23166YZTR Datasheet HTML 8Page - Texas Instruments TS5A23166YZTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
COM1
NO1
IN1
COM2
IN2
NO2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS5A23166
SCDS196H – MAY 2005 – REVISED MAY 2015
TS5A23166 0.9-
Ω Dual-SPST Analog Switch
5-V and 3.3-V 2-Channel Analog Switch
1 Features
3 Description
The TS5A23166 device is a dual single-pole single-
1
Isolation in Powered-Down Mode, V+ = 0
throw (SPST) analog switch that is designed to
Low ON-State Resistance (0.9
Ω)
operate from 1.65 V to 5.5 V. The TS5A23166 device
Control Inputs are 5.5-V Tolerant
offers a low ON-state resistance and an excellent
channel-to-channel ON-state resistance matching.
Low Charge Injection
The TS5A23166 device has excellent total harmonic
Excellent ON-State Resistance Matching
distortion (THD) performance and consumes very low
Low Total Harmonic Distortion (THD)
power. These features make this device suitable for
portable audio applications.
1.65-V to 5.5-V Single-Supply Operation
Latch-Up Performance Exceeds 100 mA
Device Information(1)
Per JESD 78, Class II
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Performance Tested Per JESD 22
VSSOP (8)
2.30 mm × 2.00 mm
TS5A23166
2000-V Human-Body Model
DSBGA (8)
1.91 mm × 0.91 mm
(A114-B, Class II)
(1) For all available packages, see the orderable addendum at
1000-V Charged-Device Model (C101)
the end of the data sheet.
2 Applications
Cell Phones
Portable Instrumentation
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communication Circuits
Modems
Hard Drives
Computer Peripherals
Wireless Terminals and Peripherals
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TS5A23166YZTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23166YZTR TI-TS5A23166YZTR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Mô tả tương tự - TS5A23166YZTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com