công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS12A44513DR bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
TS12A44513DR bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 24 page 5 TS12A44513, TS12A44514, TS12A44515 www.ti.com SCDS247B – OCTOBER 2008 – REVISED FEBRUARY 2016 Product Folder Links: TS12A44513 TS12A44514 TS12A44515 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) Typical values are at TA = 25°C. (3) ΔRON = RON(MAX) – RON(MIN) (4) Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25°C. (5) Specified by design, not production tested 6.5 Electrical Characteristics for 5-V Supply (1) VCC = 4.5 V to 5.5 V, VINH = 2.4 V, VINL = 0.8 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP(2) MAX UNIT ANALOG SWITCH VCOM, VNO, VNC Analog signal range 0 VCC V Ron ON-state resistance VCC = 4.5 V, VCOM = 3.5 V, ICOM = 1 mA 25°C 12 20 Ω Full 30 Ron(flat) ON-state resistance flatness VCOM = 1 V, 2 V, 3 V, ICOM = 1 mA 25°C 1 3 Ω Full 4 ΔRon ON-state resistance matching between channels(3) VCC = 4.5 V, ICOM = 5 mA, VNO or VNC = 3 V 25°C 3 Ω TMIN to TMAX 4 INO(OFF), INC(OFF) NO, NC OFF leakage current(4) VCC = 5.5 V, VCOM = 1 V, VNO or VNC = 4.5 V 25°C 1 nA Full 10 ICOM(OFF) COM OFF leakage current(4) VCC = 5.5 V, VCOM = 1 V, VNO or VNC = 4.5 V 25°C 1 nA Full 10 ICOM(ON) COM ON leakage current(4) VCC = 5.5 V, VCOM = 4.5 V, VNO or VNC = 4.5 V 25°C 1 nA Full 10 DIGITAL CONTROL INPUT (IN) VIH Input logic high Full 2.4 VCC V VIL Input logic low Full 0 0.8 V IIH, IIL Input leakage current VIN = VCC, 0 V Full 0.01 μA DYNAMIC tON Turn-on time see Figure 2 25°C 45 100 ns Full 125 tOFF Turn-off time see Figure 2 25°C 35 50 ns Full 70 QC Charge injection(5) CL = 1 nF, VNO = 0 V, RS = 0 Ω, See Figure 1 25°C –1.5 pC CNO(OFF), CNC(OFF) NO, NC OFF capacitance f = 1 MHz, See Figure 4 25°C 8 pF CCOM(OFF) COM OFF capacitance f = 1 MHz, See Figure 4 25°C 8 pF CCOM(ON) COM ON capacitance f = 1 MHz, See Figure 4 25°C 19 pF CI Digital input capacitance VIN = VCC, 0 V 25°C 2 pF BW Bandwidth RL = 50 Ω, CL = 15 pF, VNO = 1 VRMS, 25°C 530 MHz OISO OFF isolation RL = 50 Ω, CL = 15 pF, VNO = 1 VRMS, f = 100 kHz 25°C –94 dB THD Total harmonic distortion RL = 50 Ω, CL = 15 pF, VNO = 1 VRMS, f = 100 kHz 25°C 0.09% SUPPLY ICC Supply Current VIN = VCC, 0 V 25°C 0.05 μA Full 0.1 |
Số phần tương tự - TS12A44513DR |
|
Mô tả tương tự - TS12A44513DR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |