công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23166 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện TS5A23166
Giải thích chi tiết về linh kiện  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TS5A23166_15 Datasheet HTML 5Page - Texas Instruments TS5A23166_15 Datasheet HTML 6Page - Texas Instruments TS5A23166_15 Datasheet HTML 7Page - Texas Instruments TS5A23166_15 Datasheet HTML 8Page - Texas Instruments TS5A23166_15 Datasheet HTML 9Page - Texas Instruments TS5A23166_15 Datasheet HTML 10Page - Texas Instruments TS5A23166_15 Datasheet HTML 11Page - Texas Instruments TS5A23166_15 Datasheet HTML 12Page - Texas Instruments TS5A23166_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TS5A23166
www.ti.com
SCDS196H – MAY 2005 – REVISED MAY 2015
Electrical Characteristics: 2.5-V Supply (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
25°C
0.001
0.02
Positive supply
Switch ON or
I+
VI = V+ or GND,
2.7 V
μA
current
OFF
Full
0.25
6.8 Electrical Characteristics: 1.8-V Supply
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ VNO ≤ V+,
25°C
4.2
25
Peak ON
Switch ON,
rpeak
1.65 V
ICOM = –2 mA,
resistance
see Figure 11
Full
30
25°C
1.6
3.9
ON-state
VNO = 0.6 V, 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
see Figure 11
Full
4
ON-state
25°C
0.04
0.2
resistance
VNO = 1.5 V,
Switch ON,
Δron
match
1.65 V
ICOM = –2 mA,
see Figure 11
Full
0.2
between
channels
0
≤ VNO ≤ V+,
Switch ON,
25°C
2.8
ON-state
ICOM = –2 mA,
see Figure 11
1.65 V
ron(flat)
resistance
25°C
4.1
22
VNO = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –2 mA,
see Figure 11
Full
27
VNO = 0.3 V,
25°C
–5
0.3
5
VCOM = 1.65 V,
Switch OFF,
INO(OFF)
or
1.95 V
nA
NO
see Figure 12
Full
–50
50
VNO = 1.65 V,
OFF leakage
VCOM = 0.3 V,
current
25°C
–2
0.05
2
VNO = 0 to 1.95 V,
Switch OFF,
INO(PWROFF)
0 V
μA
VCOM = 1.95 V to 0,
see Figure 12
Full
–10
10
VNO = 1.65 V,
25°C
–5
0.3
5
VCOM = 0.3 V,
Switch OFF,
ICOM(OFF)
or
1.95 V
nA
COM
see Figure 12
Full
–50
50
VNO = 0.3 V,
OFF leakage
VCOM = 1.65 V,
current
25°C
–2
0.05
2
VCOM = 0 to 1.95 V,
Switch OFF,
ICOM(PWROFF)
0 V
μA
VNO = 1.95 V to 0,
see Figure 12
Full
–10
10
VNO = 0.3 V,
25°C
–2
0.3
2
NO
VCOM = Open,
Switch ON,
INO(ON)
ON leakage
or
1.95 V
nA
see Figure 13
Full
–20
20
current
VNO = 1.65 V,
VCOM = Open,
VNO = Open,
25°C
–2
0.3
2
COM
VCOM = 0.3 V,
Switch ON,
ICOM(ON)
ON leakage
or
1.95 V
nA
see Figure 13
Full
–20
20
current
VNO = Open,
VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2)
VIH
Input logic high
Full
1.5
5.5
V
VIL
Input logic low
Full
0
0.6
V
25°C
–2
0.3
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
μA
current
Full
–20
20
Dynamic
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS5A23166


Số phần tương tự - TS5A23166_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Mô tả tương tự - TS5A23166_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com