công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A23166 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TS5A23166
Giải thích chi tiết về linh kiện  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS5A23166_15 Datasheet HTML 1Page - Texas Instruments TS5A23166_15 Datasheet HTML 2Page - Texas Instruments TS5A23166_15 Datasheet HTML 3Page - Texas Instruments TS5A23166_15 Datasheet HTML 4Page - Texas Instruments TS5A23166_15 Datasheet HTML 5Page - Texas Instruments TS5A23166_15 Datasheet HTML 6Page - Texas Instruments TS5A23166_15 Datasheet HTML 7Page - Texas Instruments TS5A23166_15 Datasheet HTML 8Page - Texas Instruments TS5A23166_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TS5A23166
SCDS196H – MAY 2005 – REVISED MAY 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
+2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
+1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
V+
V
V+
Supply voltage
1.65
5.5
V
VI
Control Input Voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
TS5A23166
THERMAL METRIC(1)
DCU (VSSOP)
YZP (DSBGA)
YZT (DSBGA)
UNIT
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
227
102
102
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics: 5-V Supply
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
VCOM,
Analog signal
0
V+
V
VNO
25°C
0.9
1.1
0
≤ VNO ≤ V+,
Switch ON,
rpeak
Peak ON resistance
4.5 V
Ω
ICOM = –100 mA,
see Figure 11
Full
1.2
25°C
0.75
0.9
VNO = 2.5 V,
Switch ON,
ron
ON-state resistance
4.5 V
Ω
ICOM = –100 mA,
see Figure 11
Full
1
ON-state resistance
25°C
0.04
0.1
VNO = 2.5 V,
Switch ON,
Δron
match between
4.5 V
Ω
ICOM = –100 mA,
see Figure 11
Full
0.1
channels
0
≤ VNO ≤ V+,
Switch ON,
25°C
0.2
ICOM = –100 mA,
see Figure 11
ON-state resistance
ron(flat)
4.5 V
Ω
flatness
25°C
0.15
0.25
VNO = 1 V, 1.5 V, 2.5 V,
Switch ON,
ICOM = –100 mA,
see Figure 11
Full
0.25
VNO = 1 V,
25°C
0 V
4
20
VCOM = 4.5 V,
Switch OFF,
INO(OFF)
or
5.5 V
nA
see Figure 12
Full
–150
150
NO
VNO = 4.5 V,
OFF leakage current
VCOM = 1 V,
25°C
–10
0.2
10
VNO = 0 to 5.5 V,
Switch OFF,
INO(PWROFF)
0 V
μA
VCOM = 5.5 V to 0,
see Figure 12
Full
–50
50
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: TS5A23166


Số phần tương tự - TS5A23166_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Mô tả tương tự - TS5A23166_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com