công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS5A3166 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TS5A3166
Giải thích chi tiết về linh kiện  SPST Analog Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3166 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TS5A3166_16 Datasheet HTML 3Page - Texas Instruments TS5A3166_16 Datasheet HTML 4Page - Texas Instruments TS5A3166_16 Datasheet HTML 5Page - Texas Instruments TS5A3166_16 Datasheet HTML 6Page - Texas Instruments TS5A3166_16 Datasheet HTML 7Page - Texas Instruments TS5A3166_16 Datasheet HTML 8Page - Texas Instruments TS5A3166_16 Datasheet HTML 9Page - Texas Instruments TS5A3166_16 Datasheet HTML 10Page - Texas Instruments TS5A3166_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
TS5A3166
www.ti.com
SCDS186D – FEBRUARY 2005 – REVISED FEBRUARY 2016
Product Folder Links: TS5A3166
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics for 3.3-V Supply (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
CCOM(ON)
COM
ON capacitance
VCOM = V+ or GND,
Switch ON,
See Figure 16
25°C
3.3 V
36
pF
CI
Digital input
capacitance
VI = V+ or GND,
See Figure 16
25°C
3.3 V
2
pF
BW
Bandwidth
RL = 50 Ω,
Switch ON,
See Figure 18
25°C
3.3 V
200
MHz
OISO
OFF isolation
RL = 50 Ω,
f = 1 MHz,
Switch OFF,
see Figure 19
25°C
3.3 V
–64
dB
THD
Total harmonic
distortion
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
see Figure 21
25°C
3.3 V
0.01%
Supply
I+
Positive supply
current
VI = V+ or GND,
Switch ON or OFF
25°C
3.6 V
0.01
0.1
μA
Full
0.25
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
6.7 Electrical Characteristics for 2.5-V Supply
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
VNO
Analog signal range
2.3 V
0
V+
V
rpeak
Peak ON resistance
0
≤ VNO ≤ V+,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
2.3 V
1.8
2.4
Ω
Full
2.6
ron
ON-state resistance
VNO = 2 V,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
2.3 V
1.2
2.1
Ω
Full
2.4
ron(flat)
ON-state resistance
flatness
0
≤ VNO ≤ V+,
ICOM = –100 mA,
Switch ON,
see Figure 13
25°C
2.3 V
0.7
Ω
VNO = 2 V, 0.8 V,
ICOM = –100 mA,
25°C
0.4
0.6
Full
0.6
INO(OFF)
NO
OFF leakage current
VNO = 1 V,
VCOM = 3 V,
or
VNO = 3 V,
VCOM = 1 V,
Switch OFF,
see Figure 14
25°C
2.7 V
–5
0.3
5
nA
Full
–50
50
INO(PWROFF
)
VNO = 0 to 3.6 V,
VCOM = 3.6 V to 0,
25°C
0 V
–2
0.05
2
μA
Full
–15
15
ICOM(OFF)
COM
OFF leakage current
VCOM = 1 V,
VNO = 3 V,
or
VCOM = 3 V,
VNO = 1 V,
Switch OFF,
see Figure 14
25°C
2.7 V
–5
0.3
5
nA
Full
–50
50
ICOM(PWRO
FF)
VCOM = 3.6 V to 0,
VNO = 0 to 3.6 V,
25°C
0 V
–2
0.05
2
μA
Full
–15
15
INO(ON)
NO
ON leakage current
VNO = 1 V,
VCOM = Open,
or
VNO = 3 V,
VCOM = Open,
Switch ON,
see Figure 15
25°C
2.7 V
–2
0.3
2
nA
Full
–20
20
ICOM(ON)
COM
ON leakage current
VCOM = 1 V,
VNO = Open,
or
VCOM = 3 V,
VNO = Open,
Switch ON,
see Figure 15
25°C
2.7 V
–2
0.3
2
nA
Full
–20
20


Số phần tương tự - TS5A3166_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS5A3166 TI-TS5A3166_15 Datasheet
1,012Kb / 31P
[Old version datasheet]   TS5A3166 0.9-廓 SPST Analog Switch
More results

Mô tả tương tự - TS5A3166_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAS4501 ONSEMI-NLAS4501 Datasheet
135Kb / 10P
   Single SPST Analog Switch
November, 2004 ??Rev. 4
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4596 TI-TS5A4596_08 Datasheet
456Kb / 18P
[Old version datasheet]   8-??SPST ANALOG SWITCH
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com