công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DDR4000 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3DDR4000
Giải thích chi tiết về linh kiện  12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DDR4000 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TS3DDR4000 Datasheet HTML 1Page - Texas Instruments TS3DDR4000 Datasheet HTML 2Page - Texas Instruments TS3DDR4000 Datasheet HTML 3Page - Texas Instruments TS3DDR4000 Datasheet HTML 4Page - Texas Instruments TS3DDR4000 Datasheet HTML 5Page - Texas Instruments TS3DDR4000 Datasheet HTML 6Page - Texas Instruments TS3DDR4000 Datasheet HTML 7Page - Texas Instruments TS3DDR4000 Datasheet HTML 8Page - Texas Instruments TS3DDR4000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
NVDIMM
controller
NAND
Flash
DRAM
Battery/
Supercapacitor
Memory
Controller
NVDIMM Module
Register
& PLL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TS3DDR4000
SCDS356A – NOVEMBER 2014 – REVISED MARCH 2015
TS3DDR4000 12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
1 Features
2 Applications
1
Wide VDD Range: 2.375 V – 3.6 V
NVDIMM Modules
High Bandwidth: 5.6 GHz Typical (single-ended);
Enterprise Data Systems and Servers
6.0 GHz Typical (differential)
Notebook/Desktop PCs
Low Switch On-Resistance (RON): 8 Ω Typical
General DDR3/DDR4 Signal Switching
Low Bit-to-Bit Skew: 3ps Typical; 6ps Max across
General High-Speed Signal Switching
All Channels
3 Description
Low Crosstalk: –34 dB Typical at 1067 MHz
The
TS3DDR4000
is
1:2
or
2:1
high
speed
Low Operating Current: 40 µA Typical
DDR2/DDR3/DDR4 switch that offers 12-bit wide bus
Low-Power Mode with Low Current Consumption:
switching. The A port can be switched to the B or C
2 µA Typical
port for all bits simultaneously. Designed for operation
IOFF Protection Prevents Current Leakage in
in DDR2, DDR3 and DDR4 memory bus systems, the
Powered Down State (VDD = 0 V)
TS3DDR4000 uses a proprietary architecture that
delivers
high
bandwidth
(single-ended
–3dB
Supports POD_12, SSTL_12, SSTL_15 and
bandwidth at 5.6 GHz), low insertion loss at low
SSTL_18 Signaling
frequency, and very low propagation delay. The
ESD Performance:
TS3DDR4000 is 1.8 V logic compatible, and all
3-kV Human Body Model (A114B, Class II)
switches are bi-directional for added design flexibility.
The TS3DDR4000 also offers a low-power mode, in
1-kV Charged Device Model (C101)
which all channels become high-Z and the device
8 mm x 3 mm 48-balls 0.65-mm Pitch ZBA
consumes minimal power.
Package
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS3DDR4000
NFBGA (48)
8.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - TS3DDR4000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Mô tả tương tự - TS3DDR4000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
   12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
logo
Pericom Semiconductor C...
PI2DDR3212 PERICOM-PI2DDR3212 Datasheet
938Kb / 7P
   1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
logo
NXP Semiconductors
CBTW28DD14 NXP-CBTW28DD14 Datasheet
102Kb / 14P
   14-bit bus switch/multiplexer for DDR2-DDR3 applications
Rev. 2-26 July 2012
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532 NSC-CLC532_01 Datasheet
480Kb / 15P
   High Speed 2:1 Analog Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com