công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3DDR4000 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3DDR4000
Giải thích chi tiết về linh kiện  12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DDR4000 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TS3DDR4000 Datasheet HTML 1Page - Texas Instruments TS3DDR4000 Datasheet HTML 2Page - Texas Instruments TS3DDR4000 Datasheet HTML 3Page - Texas Instruments TS3DDR4000 Datasheet HTML 4Page - Texas Instruments TS3DDR4000 Datasheet HTML 5Page - Texas Instruments TS3DDR4000 Datasheet HTML 6Page - Texas Instruments TS3DDR4000 Datasheet HTML 7Page - Texas Instruments TS3DDR4000 Datasheet HTML 8Page - Texas Instruments TS3DDR4000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TS3DDR4000
SCDS356A – NOVEMBER 2014 – REVISED MARCH 2015
www.ti.com
Table of Contents
9.1
Overview ................................................................. 11
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
9.3
Feature Description................................................. 12
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 12
4
Application Diagram .............................................. 1
10
Application and Implementation........................ 13
5
Revision History..................................................... 2
10.1
Application Information.......................................... 13
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ............................................... 13
7
Specifications......................................................... 4
11
Power Supply Recommendations ..................... 14
7.1
Absolute Maximum Ratings ...................................... 4
12
Layout................................................................... 15
7.2
ESD Ratings.............................................................. 4
12.1
Layout Guidelines ................................................. 15
7.3
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 18
7.4
Thermal Information .................................................. 4
13
Device and Documentation Support ................. 19
7.5
Static Electrical Characteristics................................. 5
13.1
Trademarks ........................................................... 19
7.6
Dynamic Electrical Characteristics............................ 6
13.2
Electrostatic Discharge Caution ............................ 19
7.7
Typical Characteristics .............................................. 7
13.3
Glossary ................................................................ 19
8
Parameter Measurement Information .................. 9
14
Mechanical, Packaging, and Orderable
9
Detailed Description ............................................ 11
Information ........................................................... 19
5 Revision History
Changes from Original (November 2014) to Revision A
Page
Updated document to full version. ......................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TS3DDR4000


Số phần tương tự - TS3DDR4000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Mô tả tương tự - TS3DDR4000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
   12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
logo
Pericom Semiconductor C...
PI2DDR3212 PERICOM-PI2DDR3212 Datasheet
938Kb / 7P
   1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
logo
NXP Semiconductors
CBTW28DD14 NXP-CBTW28DD14 Datasheet
102Kb / 14P
   14-bit bus switch/multiplexer for DDR2-DDR3 applications
Rev. 2-26 July 2012
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC532 NSC-CLC532_01 Datasheet
480Kb / 15P
   High Speed 2:1 Analog Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FSUSB74 FAIRCHILD-FSUSB74 Datasheet
468Kb / 4P
   4:1 High-Speed USB Multiplexer/Switch
logo
ON Semiconductor
FSUSB74 ONSEMI-FSUSB74 Datasheet
494Kb / 12P
   4:1 High-Speed USB Multiplexer/Switch
April 2012 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com