công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W01 bảng dữ liệu(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

tên linh kiện W01
Giải thích chi tiết về linh kiện  SINGLE-PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Trang chủ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

W01 bảng dữ liệu(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  W01 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD W01 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbols
W005
W01
W02
W04
W06
W08
W10
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
T
A=25
I
(AV)
1.5
Amps
Peak forward surge current, 8.3mS single
half sine-wave superimposed on rated load
I
FSM
50.0
Amps
12t Rating for fusing (t<8.35ms)
I2t5.0
A2t
Maximum forward voltage drop
per element at 1.0A peak
V
F
1.0
Volt
Maximum DC reverse current at rated
T
A=25
DC blocking voltage per element
T
A=100
I
R
10.0
1.0
A
mA
Operating temperature range
T
J
-55 to +125
Storage temperature range
T
STG
-55 to +150
Features
W005 THRU W10
SINGLE-PHASE SILICON BRIDGE
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
Surge overload rating - 50 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Mounting Position: Any
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.355
0.395
9.0
10.0
B
0.265
0.305
6.73
7.75
C
1.20
-
30.5
-
D
1.27
-
32.3
-
E
0.180
0.220
4.6
5.6
F
0.028
0.032
0.71
0.81


Số phần tương tự - W01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Surge Components
W01 SURGE-W01 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W01 DAYA-W01 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W01 SUNTAN-W01 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W01 SEMTECH-W01 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W01 CHENG-YI-W01 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Mô tả tương tự - W01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
   Single-phase Silicon Bridge
logo
CHENG-YI ELECTRONIC CO....
KBPC25 CHENG-YI-KBPC25 Datasheet
135Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RB151 CHENG-YI-RB151 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com