công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC1225CCD-1 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC1225CCD-1
Giải thích chi tiết về linh kiện  12-Bit Plus Sign mP Compatible A/D Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1225CCD-1 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  ADC1225CCD-1 Datasheet HTML 1Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 2Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 3Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 4Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 5Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 6Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 7Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 8Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AC Electrical Characteristics (Continued)
Note 4
Two on-chip diodes are tied to each analog input as shown below
TLH5676 – 4
Errors in the AD conversion can occur if these diodes are forward biased more than 50 mV This means that if AVCC and DVCC are minimum (475 VDC) and Vb is
minimum (b475VDC) full-scale must be s 48VDC
Note 5
A diode exists between analog VCC and digital VC
TLH5676 – 20
To guarantee accuracy it is required that the AVCC and DVCC be connected together to a power supply with separate bypass filters at each VCC pin
Note 6
A diode exists between analog ground and digital ground
TLH5676 – 21
To guarantee accuracy it is required that the analog ground and digital ground be connected together externally
Note 7
Accuracy is guaranteed at fCLKe10 MHz At higher clock frequencies accuracy may degrade
Note 8
Typicals are at 25 C and represent most likely parametric norm
Note 9
Tested and guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 10
Guaranteed but not 100% production tested These limits are not used to calculate outgoing quality levels
Note 11
Linearity error is defined as the deviation of the analog value expressed in LSBs from the straight line which passes through positive full scale and zero
after adjusting zero error (See
Figures 1b and 1c )
Note 12
Human body model 100 pF discharged through a 15 kX resistor
TLH5676 – 8
FIGURE 1a Transfer Characteristic
5


Số phần tương tự - ADC1225CCD-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MPS Industries, Inc.
ADC122 MPSIND-ADC122 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC12281 NSC-ADC12281 Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC12281CIVT NSC-ADC12281CIVT Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
More results

Mô tả tương tự - ADC1225CCD-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Analog Devices
DAC-02 AD-DAC-02 Datasheet
1Mb / 5P
   10-BIT-PLUS-SIGN VOLTAGE-OUTPUT D/A CONVERTERS
REV. C
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com