công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9342010500 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện 9342010500
Giải thích chi tiết về linh kiện  16 AWG pairs stranded (19x29) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

9342010500 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  9342010500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9342010500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9342010500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC/Nylon insulation, overall
Beldfoil® shield (100% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
16
19x29
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
PVC/Nylon - Polyvinyl Chloride/Nylon
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
16
19x29
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 1.2192
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Nominal Diameter:
7.518 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
76.1997
13.124
Mechanical Characteristics (Overall)
Wet Temperature Range:
-30°C To +75°C
Dry Temperature Range:
-30°C To +90°C
Bulk Cable Weight:
83.339 Kg/Km
Max. Recommended Pulling Tension:
467.061 N
Min. Bend Radius (Install)/Minor Axis:
76.200 mm
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9342 Multi-Conductor - 600V Tray Cable


Số phần tương tự - 9342010500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Belden Inc.
9342 BELDEN-9342 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
02-15-2024
9342-0101000 BELDEN-9342-0101000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
02-15-2024
9342-01010000 BELDEN-9342-01010000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
02-15-2024
9342-010500 BELDEN-9342-010500 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
02-15-2024
9342-0105000 BELDEN-9342-0105000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
02-15-2024
More results

Mô tả tương tự - 9342010500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1344902 ETC2-1344902 Datasheet
98Kb / 3P
   16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com