công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC7-68PD-1.27DS-EJL bảng dữ liệu(PDF) 1 Page - Hirose Electric

tên linh kiện IC7-68PD-1.27DS-EJL
Giải thích chi tiết về linh kiện  Single Slot Connector for PC Card Type III
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IC7-68PD-1.27DS-EJL bảng dữ liệu(HTML) 1 Page - Hirose Electric

  IC7-68PD-1.27DS-EJL Datasheet HTML 1Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 2Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 3Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 4Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 5Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A56
Single Slot Connector for PC Card Type III
IC7 Series
4.Vibration
5.Humidity (Steady state)
7.Durability (insertion/ withdrawal)
8.Resistance to soldering heat
6.Temperature cycle
sFeatures
1. PC Card Standard compliant:
Type I, type II and type III cards are covered. Terminals for
grounding are provided.
2. Space saving and Lightweight
Connector height is minimized to 5.4mm, and weight is 12.5g.
3. Eject mechanism
Hirose's unique ejection mechanism provides an higher degree of
card ejection over existing products.
sProduct Specifications
500 V DC
500 V AC / 1 minute
1mA
Frequency: 10 to 2000 Hz, full amplitude of 1.52 mm or
acceleration of 147m/s2, 4 hours in each of the 3 directions
96 hours at temperature of 40ç and humidity of 90% to 95%
Temperature: -55ç © +15ç to +35ç © +85ç © +15ç to +35ç
Time: 30 © 5 max. © 30 © 5 max. (Minutes) 5 cycles
10000 cycles at 400 to 600 cycles per hous
Manual soldering: 300ç for 3 seconds
1000 M ohms min.
No flashover or insulation breakdown
40 m ohms max. (Initial value)
No electrical discontinuity of 100ns or more
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts looseness
Contact resistance: 20 m ohms max. from initial value
No deformation of the insulator parts affecting performance
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
Rating
Current rating
0.5 A
Voltage rating
125V AC
Operating temperature range -55ç to +85ç (Note 1)
Operating humidity range Relative humidity 95% max.
(No condensation)
Storage temperature range -40ç to +70ç (Note 2)
Storage humidity range Relative humidity 40% to 70%
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity
range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Part
Insulator
Contact
Material
Connector
Eject Button
Connector
Eject metal fitting
Locking pins
Nuts
Terminals for grounding
Finish
PBT
PA
Brass
Phosphor bronze
Stainless steel
Phosphor bronze
Steel
Color: Black
Color: Black
Contact area: gold plating
Lead area: Solder plating
Gold plating
----------
Solder plating
Nickel plating
Remarks
UL94V-0
UL94V-0
----------
----------
----------
----------
----------
----------


Số phần tương tự - IC7-68PD-1.27DS-EJL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-0726MF-G4 YAMAICHI-IC70-0726MF-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1217-G4 YAMAICHI-IC70-1217-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1217MF-G4 YAMAICHI-IC70-1217MF-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1521-G4 YAMAICHI-IC70-1521-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
More results

Mô tả tương tự - IC7-68PD-1.27DS-EJL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hirose Electric
IC11S-68PL-1.27SF-EJR HIROSE-IC11S-68PL-1.27SF-EJR Datasheet
1Mb / 10P
   Single Slot SMT Connectors For Card-Bus Based PC Cards
logo
Micrel Semiconductor
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com