công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SV229 bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện 1SV229
Giải thích chi tiết về linh kiện  TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV229 bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  1SV229_14 Datasheet HTML 1Page - Toshiba Semiconductor 1SV229_14 Datasheet HTML 2Page - Toshiba Semiconductor 1SV229_14 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV229
2014-03-01
1
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV229
VCO for UHF Band Radio
• Ultra low series resistance: rs = 0.2 Ω (typ.)
• Useful for small size set
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
15
V
Reverse current
IR
VR = 15 V
3
nA
Capacitance
C2V
VR = 2 V, f = 1 MHz
14
15
16
pF
Capacitance
C10V
VR = 10 V, f = 1 MHz
5.5
6
6.5
pF
Capacitance ratio
C2V / C10V
2.0
2.5
Series resistance
rs
VR = 5 V, f = 470 MHz
0.2
0.4
Ω
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1E1A
Weight: 0.004 g (typ.)
Start of commercial production
1988-06


Số phần tương tự - 1SV229_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
1SV229 TOSHIBA-1SV229 Datasheet
131Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
logo
Guangdong Kexin Industr...
1SV229 KEXIN-1SV229 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Zhaoxingwei Electronics...
1SV229 ZHAOXINGWEI-1SV229 Datasheet
43Kb / 1P
   Silicon Epitaxial Planar Diode
logo
SHIKUES Electronics
1SV229 SKTECHNOLGY-1SV229 Datasheet
469Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXAL PLANAR TYPE
More results

Mô tả tương tự - 1SV229_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV239 TOSHIBA-1SV239_14 Datasheet
181Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV273 TOSHIBA-1SV273 Datasheet
173Kb / 2P
   TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV279 TOSHIBA-1SV279_14 Datasheet
170Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV277 TOSHIBA-1SV277_14 Datasheet
177Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV304 TOSHIBA-1SV304_14 Datasheet
162Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV305 TOSHIBA-1SV305_14 Datasheet
160Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV229 TOSHIBA-1SV229 Datasheet
131Kb / 3P
   TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com