công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LD10GE156 bảng dữ liệu(PDF) 1 Page - Pericom Semiconductor Corporation

tên linh kiện LD10GE156
Giải thích chi tiết về linh kiện  3.3V LVDS Low Jitter 156.25 MHz 10GbE XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

LD10GE156 bảng dữ liệu(HTML) 1 Page - Pericom Semiconductor Corporation

  LD10GE156 Datasheet HTML 1Page - Pericom Semiconductor Corporation LD10GE156 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
LD10GE156
Rev E
07/13/12
3.3V LVDS Low Jitter 156.25 MHz 10GbE XO
LD10GE156
Application Specific Crystal Oscillator 5.0 x 3.2mm
TM
Product Features
• Very low phase jitter
• Thicker crystal for improved reliability
• Pb-free & RoHS compliant
• Industrial temperature range
Product Description
The LD series 3.3V, 156.25MHz crystal
clock oscillator achieves superb jitter for
10GbE applications. The output clock signal,
generated internally with a custom oscillator
design, is compatible with LVDS logic levels.
The device, available on tape and reel, is
contained in a 5.0 x 3.2mm surface-mount
ceramic package.
Applications
• 10 Gigabit Ethernet Network Interface
cards (NIC)
• 10 Gigabit Ethernet Switch/Router
• 10 Gigabit Ethernet PHY Module
• Serial Attached iSCSI
Package:
Recommended Land Pattern:
Part Ordering Information:
LD10GE156
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
5.0 x 3.2mm Ceramic SMD
ASSP XO™ for Networking
Pin Functions:
Pin
Function
1
OE Function
2
N/C
3
VEE
4
OUT
5
OUT
6
VCC
1
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
(Scale: none, Dimensions are in mm)
12-0053


Số phần tương tự - LD10GE156

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gulf Semiconductor
LD10 GULFSEMI-LD10 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
AVX Corporation
LD10 AVX-LD10 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD10-20B03 MORNSUN-LD10-20B03 Datasheet
2Mb / 6P
   10W, AC/DC converter
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
   10W, AC/DC converter
More results

Mô tả tương tự - LD10GE156

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
SX10GE156 PERICOM-SX10GE156 Datasheet
551Kb / 2P
   3.3V CMOS Low-Jitter 156.25 MHz 10GbE XO
logo
List of Unclassifed Man...
LDA000002 ETC2-LDA000002 Datasheet
249Kb / 2P
   3.3V LVDS Low Jitter XO
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
PD10GE156 PERICOM-PD10GE156 Datasheet
870Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
PD10GE159 PERICOM-PD10GE159 Datasheet
879Kb / 2P
   3.3V PECL Low Jitter 159.375MHz 10GbE XO
FNSURV054 PERICOM-FNSURV054 Datasheet
552Kb / 2P
   3.3V CMOS Low-Jitter 54 MHz MPEG4 XO
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
   3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
FNSURV027 PERICOM-FNSURV027 Datasheet
738Kb / 2P
   3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
FNETHE025 PERICOM-FNETHE025 Datasheet
734Kb / 2P
   3.3V CMOS Low-Jitter 25 MHz GbE XO
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
   3.3V CMOS Low-Jitter 155.52 MHz GPON XO
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com