công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM320VC33GNMM150 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SM320VC33GNMM150
Giải thích chi tiết về linh kiện  Digital Signal Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC33GNMM150 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SM320VC33GNMM150 Datasheet HTML 3Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 4Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 5Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 6Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 7Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 8Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 9Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 10Page - Texas Instruments SM320VC33GNMM150 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
CVDD
–0.3
2.4
Supply voltage (2)
DVDD
–0.3
4
V
VI
Input voltage(3)
–1
4.6
VO
Output voltage
–0.3
4.6
Continuous power dissipation (worst case)(4)
500
mW
TC
Operating case temperature
–55
125
°C
Tstg
Storage temperature
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of <2 ns,
<10 mA, and <1 V amplitude is permissible.
(4)
Actual operating power is much lower. This value was obtained under specially produced worst-case test conditions for the
SMx320VC33, which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a
checkerboard pattern to the external data and address buses at the maximum possible rate with a capacitive load of 30 pF. See normal
(ICC) current specification in Electrical Characteristics and also read TMS320C3x General-Purpose Applications (SPRU194).
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
CVDD
Supply voltage for the core CPU(4)
1.71
1.8
1.89
V
DVDD
Supply voltage for the I/O pins(5)
3.14
3.3
3.46
V
VSS
Supply ground
0
V
VIH
High-level input voltage
0.7 x DVDD
DVDD + 0.3
(6)
V
VIL
Low-level input voltage
–0.3(6)
0.3 x DVDD
V
IOH
High-level output current
4
mA
IOL
Low-level output current
4
mA
CL
Capacitive load per output pin
30
pF
TC
Operating case temperature
–55
125
°C
(1)
All voltage values are with respect to VSS.
(2)
All inputs and I/O pins are configured as inputs.
(3)
All input and I/O pins use a Schmidt hysteresis inputs except SHZ and D0 to D31. Hysteresis is approximately 10% of DVDD and is
centered at 0.5 × DVDD.
(4)
CVDD should not exceed DVDD by more than 0.7 V. (Use a Schottky clamp diode between these supplies.)
(5)
DVDD should not exceed CVDD by more than 2.5 V.
(6)
Absolute dc input level should not exceed the DVDD or VSS supply rails by more than 0.3 V. An instantaneous low current pulse of <2 ns,
<10 mA, and <1 V amplitude is permissible.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM320VC33 SMJ320VC33


Số phần tương tự - SM320VC33GNMM150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SM320VC33GNMM150 TI-SM320VC33GNMM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Mô tả tương tự - SM320VC33GNMM150

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com