công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74004NH bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện 74004NH
Giải thích chi tiết về linh kiện  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

74004NH bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  74004NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Construction & Dimensions
Mechanical Data – Stationary Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74004E
23AWG/1
1.45mm
>65%
PVC
8.00mm
Black
74004NH
23AWG/1
1.45mm
>65%
FRNC
8.00mm
Black
74004PU
23AWG/1
1.45mm
>65%
PUR
8.00mm
Black
Mechanical Data – Flexible Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia
(Nom. Dia
(Nom. Dia
(Nom. Dia.)
.)
.)
.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74005PU
26AWG/7
1.05 (=/-0.05mm)
>65%
PUR
6.80mm
Black
Conductor (23AWG/1 – Solid Bare Copper)
Individually Foil Shielded Pairs, Foam-Skin PE Insulation
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown
Braid Shield – Tinned Copper
Conductor (26AWG/7 – 7x0.16mm Stranded Copper)
Individually Foil Shielded Pairs, Foam-Skin PE Insulation
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown
Braid Shield – Tinned Copper


Số phần tương tự - 74004NH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Belden Inc.
74004NH BELDEN-74004NH Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.011000 BELDEN-74004NH.011000 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01305 BELDEN-74004NH.01305 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01500 BELDEN-74004NH.01500 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01B100 BELDEN-74004NH.01B100 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
More results

Mô tả tương tự - 74004NH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com