công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74001NH bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện 74001NH
Giải thích chi tiết về linh kiện  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

74001NH bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  74001NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74001NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Mechanical Data – Highly Flexible Application
Part Number
Part Number
Part Number
Part Number
Conductor
Conductor
Conductor
Conductor
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sh
Sh
Sh
Sheath
eath
eath
eath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Sheath
Sheath
Sheath
Sheath
Colour
Colour
Colour
Colour
74003PU
26AWG/19
1.00mm
>80%
PUR
6.65mm
Black
Standards
ISO/IEC 11801 2nd Edition
ISO/IEC 24702
EN 50173-1
TIA/EIA-568-B.2
Electrical Properties
Max Operating Voltage UL
450V A.C. / 300V D.C.
Velocity of Propagation @ 4 – 100 MHz
68%
Delay
< 5.34 ns / m
Impedance @ 1 – 100 MHz
100 +/- 15 Ohm
74001E / 74001NH / 74001PU (AWG24)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETU
RETU
RETU
RETURN
RN
RN
RN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.0
65.3
63.8
20.0
4
4.1
56.3
51.7
23.0
10
6.5
50.3
43.8
25.0
16
8.2
47.2
39.7
25.0
20
9.3
45.8
37.7
25.0
25
10.4
44.3
35.8
24.3
31.25
11.7
42.9
33.9
23.6
62.5
17.0
38.3
27.8
21.5
100
22.0
35.3
23.8
20.1
Conductor (26AWG/19 – 19x0.1mm Stranded Tinned Cu)
Foil Shield – Laminated Aluminium / Polyester
Braid Shield – Tinned Copper
2 Twisted, Polypropylene Insulated Conductors
- Pair 1 = White / Blue
- Pair 2 = White / Orange
- Pair 3 = White / Green
- Pair 4 = White / Brown


Số phần tương tự - 74001NH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
74001NH ETC2-74001NH Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Belden Inc.
74001NH BELDEN-74001NH Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01305 BELDEN-74001NH.01305 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01500 BELDEN-74001NH.01500 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
74001NH.01B100 BELDEN-74001NH.01B100 Datasheet
172Kb / 3P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
More results

Mô tả tương tự - 74001NH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com