công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ12001EXTTZE bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LMZ12001EXTTZE
Giải thích chi tiết về linh kiện  1A SIMPLE SWITCHER Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12001EXTTZE bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ12001EXTTZE Datasheet HTML 1Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 2Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 3Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 4Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 5Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 6Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 7Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 8Page - Texas Instruments LMZ12001EXTTZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
0.8
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ12001EXT
VOUT @ 1A
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ12001EXT
SNVS661G – JUNE 2010 – REVISED SEPTEMBER 2015
LMZ12001EXT 1-A SIMPLE SWITCHER® Power Module with 20-V Maximum Input Voltage
for Demanding Environments and Rugged Applications
1 Features
2 Applications
1
Junction Temperature Range –55°C to 125°C
Point-of-load Conversions from 5-V and 12-V
Input Rail
Integrated Shielded Inductor
Time-Critical Projects
Simple PCB Layout
Space-Constrained High Thermal Requirement
Flexible Startup Sequencing Using External Soft-
Applications
Start Capacitor and Precision Enable
Negative Output Voltage Applications
Protection Against Inrush Currents and Faults
(See AN-2027 SNVA425)
such as Input UVLO and Output Short Circuit
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ12001EXT SIMPLE SWITCHER® power
Fast Transient Response for FPGAs and ASICs
module is an easy-to-use step-down DC-DC solution
Low Output Voltage Ripple
capable of driving up to 1-A load with exceptional
power conversion efficiency, line and load regulation,
Pin-to-Pin Compatible With Family Devices:
and output accuracy. The LMZ12001EXT is available
LMZ14203EXT/2EXT/1EXT (42-V Maximum 3
in an innovative package that enhances thermal
A, 2 A, 1 A)
performance
and
allows
for
hand
or
machine
LMZ14203/2/1 (42-V Maximum 3 A, 2 A, 1 A)
soldering.
LMZ12003/2/1 (20-V Maximum 3 A, 2 A, 1 A)
The LMZ12001EXT can accept an input voltage rail
Fully WEBENCH® Power Designer Enabled
between 4.5 V and 20 V, and can deliver an
adjustable and highly accurate output voltage as low
Performance Benefits
as 0.8 V. The LMZ12001EXT only requires three
Low Radiated Emissions / High Radiated
external resistors and four external capacitors to
Immunity
complete the power solution. The LMZ12001EXT is a
Passes Vibration Standard MIL-STD-883
reliable
and
robust
design
with
the
following
Method 2007.2 Condition A JESD22–B103B
protection
features:
thermal
shutdown,
input
undervoltage lockout, output overvoltage protection,
Condition 1
short circuit protection, output current limit, and the
Passes Drop standard MIL-STD-883 Method
device allows start-up into a prebiased output. A
2002.3 Condition B JESD22–B110 Condition B
single resistor adjusts the switching frequency up to 1
Electrical Specifications
MHz.
6-W Maximum Total Power Output
Device Information(1)(2)
Up to 1-A Output Current
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Input Voltage Range 4.5 V to 20 V
LMZ12001EXT
NDW (7)
10.16 mm × 9.85 mm
Output Voltage Range 0.8 V to 6 V
(1) For all available packages, see the orderable addendum at
Efficiency up to 92%
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency 5-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMZ12001EXTTZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12001EXTTZE TI1-LMZ12001EXTTZE Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results

Mô tả tương tự - LMZ12001EXTTZE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com