công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMZ12001EXT bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LMZ12001EXT bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 31 page LMZ12001EXT www.ti.com SNVS661G – JUNE 2010 – REVISED SEPTEMBER 2015 5 Pin Configuration and Functions NDW Package 7-Pin Top View Pin Functions PIN TYPE DESCRIPTION NAME NO. Enable — Input to the precision enable comparator. Rising threshold is 1.18-V nominal; 90- EN 3 Analog mV hysteresis nominal. Maximum recommended input level is 6.5 V. Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package EP — Ground during operation. Must be electrically connected to pin 4 external to the package. Feedback — Internally connected to the regulation, overvoltage, and short circuit FB 6 Analog comparators. The regulation reference point is 0.8 V at this input pin. Connected the feedback resistor divider between the output and ground to set the output voltage. GND 4 Ground Ground — Reference point for all stated voltages. Must be externally connected to EP. ON-Time Resistor — An external resistor from VIN to this pin sets the ON-time of the RON 2 Analog application. Typical values range from 25 k Ω to 124 kΩ. Soft-Start — An internal 8-µA current source charges an external capacitor to produce the SS 5 Analog soft-start function. This node is discharged at 200 µA during disable, overcurrent, thermal shutdown and internal UVLO conditions. Supply input — Nominal operating range is 4.5 V to 20 V. A small amount of internal VIN 1 Power capacitance is contained within the package assembly. Additional external input capacitance is required between this pin and exposed pad. Output Voltage — Output from the internal inductor. Connect the output capacitor between VOUT 7 Power this pin and exposed pad. 6 Specifications 6.1 Absolute Maximum Ratings (1) (2) (3) MIN MAX UNIT VIN, RON to GND –0.3 25 V EN, FB, SS to GND –0.3 7 V Junction Temperature 150 °C Peak Reflow Case Temperature (30 sec) 245 °C Storage Temperature, Tstg –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) For soldering specifications, refer to the following document: SNOA549 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±2000 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with less than 500-V HBM is possible with the necessary precautions. (2) The human body model is a 100-pF capacitor discharged through a 1.5-k Ω resistor into each pin. Test method is per JESD-22-114. Copyright © 2010–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMZ12001EXT |
Số phần tương tự - LMZ12001EXT_15 |
|
Mô tả tương tự - LMZ12001EXT_15 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |