công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA4011 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CA4011
Giải thích chi tiết về linh kiện  Cascadable Amplifier 1000 to 4000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA4011 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA4011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA4011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA4011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
1000 to 4000 MHz
Rev. V3
A4011 / SMA4011
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.8-4.5
1.0-4.0
1.0-4.0
Small Signal Gain (min)
dB
15.5
13.0
12.5
Gain Flatness (max)
dB
±0.4
±0.7
±1.0
Reverse Isolation
dB
16
Noise Figure (max)
dB
2.0
2.7
3.2
Power Output
@ 1 dB comp. (min)
dBm
18.3
16.5
16.0
IP3
dBm
+29
IP2
dBm
+45
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.4:1 / 1.4:1
2.0:1 / 1.9:1
2.2:1 / 2.0:1
DC Current @ 5 Volts (max)
mA
65
70
75
Features
 LOW NOISE FIGURE: 2.0 dB (TYP.)
 MEDIUM OUTPUT POWER: +18.3 dBm (TYP.)
 HIGH EFFICIENCY: 65 mA (TYP.) @ +5 Vdc
 PHEMT AMPLIFIER
Description
The A4011 microwave amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for accurate
performance and high reliability.
This single stage PHEMT feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A4011
TO-8
SMA4011
Surface Mount
CA4011 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
+125ºC
DC Voltage
+7 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
47ºC/W
Transistor Power Dissipation Pd
0.2 W
Junction Temperature Rise
Above Case Tjc
+9.4ºC
* Over temperature performance limits for part number CA4011, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Số phần tương tự - CA4011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA4011 MACOM-CA4011 Datasheet
375Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
CA4011 MA-COM-CA4011 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
More results

Mô tả tương tự - CA4011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
LA45 MACOM-LA45 Datasheet
407Kb / 3P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
   1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com