công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA1212 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện CA1212
Giải thích chi tiết về linh kiện  Cascadable Amplifier 100 - 1200 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA1212 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA1212 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA1212 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA1212 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CA1212 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. CA1212 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Cascadable Amplifier
100 - 1200 MHz
Rev. V4
A1212 / SMA1212 / CA1212
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications2: Z0 = 50 Ω, VCC = 5 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.1-1.2
0.1-1.2
0.1-1.2
Small Signal Gain (min.)
dB
14.0
12.5
11.5
Gain Flatness (max.)
dB
±0.6
±1.0
±1.2
Reverse Isolation
dB
23
Noise Figure (max.)
dB
1.8
2.3
2.7
Power Output
@ 1 dB comp. (min.)
dBm
19.0
17.0
16.0
IP3
dBm
29
IP2
dBm
40
Second Order Harmonic IP
dBm
46
VSWR Input / Output (max.)
Ratio
1.8:1 / 1.8:1
2.1:1 / 2.1:1
2.3:1 / 2.3:1
DC Current @ 5 Volts (max.)
mA
70
75
85
Features
 1.8 dB Noise Figure
 19 dBm Output Power
 20% Power Added Efficiency (PAE)
Description
The A1212 RF amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for
accurate performance and high reliability.
This feedback amplifier design displays impressive
performance characteristics over a broadband
frequency range. An RF choke is used for DC power
supply decoupling.
Both the TO-8 and Surface Mount packages
are
hermetically
sealed,
and
MIL-STD-883
environmental screening is available.
Product Image
Ordering Information
Part Number
Package
A1212
TO-8
SMA1212
Surface Mount
CA12121
SMA Connectorized
2. Over temperature performance limits for part number CA1212, guaranteed from 0oC to +50oC only.
1. The connectorized version is not RoHS compliant.


Số phần tương tự - CA1212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA1212 MACOM-CA1212 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
CA1212 MA-COM-CA1212 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
Ledil, Inc.
CA12122 LEDIL-CA12122 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12123 LEDIL-CA12123 Datasheet
4Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NS6x83. Assembly with black holder.
CA12124 LEDIL-CA12124 Datasheet
4Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
More results

Mô tả tương tự - CA1212

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
Tyco Electronics
A1212 MACOM-A1212_1 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
A1212 MACOM-A1212 Datasheet
109Kb / 1P
   100 TO 1200 MHz CASCADABLE AMPLIFIER
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
   5 TO 1200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
110Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com