công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4006G bảng dữ liệu(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

tên linh kiện 1N4006G
Giải thích chi tiết về linh kiện  GLASS PASSIVATED SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Trang chủ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N4006G bảng dữ liệu(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N4006G Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4006G Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001G THRU 1N4007G
GLASS PASSIVATED SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.012 ounce, 0.33 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1N
4001G
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375
(9.5mm)lead length,P.C.B. mounted
IR
5.0
50.0
R
θJA
CJ
TJ,TSTG
50.0
15.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 2)
C/W
1N
4002G
1N
4004G
1N
4003G
1N
4005G
1N
4007G
1N
4006G
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.70)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
MDD Catalog Number


Số phần tương tự - 1N4006G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotech Company.
1N4006G DIOTECH-1N4006G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
NXP Semiconductors
1N4006G PHILIPS-1N4006G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4006G CHENDA-1N4006G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
DIOTEC Electronics Corp...
1N4006G DEC-1N4006G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
logo
Leshan Radio Company
1N4006G LRC-1N4006G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

Mô tả tương tự - 1N4006G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shanghai Shunye Electro...
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com