công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM74670QDGKRQ1 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM74670QDGKRQ1
Giải thích chi tiết về linh kiện  Zero IQ Smart Diode Rectifier Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM74670QDGKRQ1 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM74670QDGKRQ1 Datasheet HTML 1Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 2Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 3Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 4Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 5Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 6Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 7Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 8Page - Texas Instruments LM74670QDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Anode
Gate Pull Down
NC
VCAPL
Gate Drive
VCAPH
Cathode
NC
1
8
7
6
5
2
3
4
LM74670-Q1
LM74670-Q1
www.ti.com
SNOSD08A – SEPTEMBER 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN NO.
NAME
DESCRIPTION
1
VcapL
Charge Pump Output, connect to an external charge pump capacitor
2
Gate Pull Down
Connect to the gate of the external MOSFET for fast turn OFF in the case of reverse polarity
3
NC
No connect. Leave floating or connect to Anode pin
4
Anode
Anode of the diode, connect to source of the external MOSFET
5
NC
No connect. Leave floating or connect to gate drive pin
6
Gate Drive
Gate Drive output, Connect to the Gate of the external MOSFET
7
VcapH
Charge Pump Output, connect to an external charge pump capacitor
8
Cathode
Cathode of the diode, connect to Drain of the external MOSFET
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM74670-Q1


Số phần tương tự - LM74670QDGKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74610QDGKRQ1 TI1-LM74610QDGKRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74610QDGKTQ1 TI1-LM74610QDGKTQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
More results

Mô tả tương tự - LM74670QDGKRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM74610-Q1 TI1-LM74610-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Zero IQ Reverse Polarity Protection Smart Diode Controller
LM74700-Q1 TI1-LM74700-Q1 Datasheet
296Kb / 18P
[Old version datasheet]   Low IQ Always ON Smart Diode Controller
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
[Old version datasheet]   LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
Cree, Inc
C2D10120D CREE-C2D10120D Datasheet
566Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D20120D CREE-C2D20120D Datasheet
565Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D10120A CREE-C2D10120A Datasheet
462Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com