công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM74610-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM74610-Q1
Giải thích chi tiết về linh kiện  Zero IQ Reverse Polarity Protection Smart Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM74610-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM74610-Q1 Datasheet HTML 1Page - Texas Instruments LM74610-Q1 Datasheet HTML 2Page - Texas Instruments LM74610-Q1 Datasheet HTML 3Page - Texas Instruments LM74610-Q1 Datasheet HTML 4Page - Texas Instruments LM74610-Q1 Datasheet HTML 5Page - Texas Instruments LM74610-Q1 Datasheet HTML 6Page - Texas Instruments LM74610-Q1 Datasheet HTML 7Page - Texas Instruments LM74610-Q1 Datasheet HTML 8Page - Texas Instruments LM74610-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM74610-Q1
SNOSCZ1A – JULY 2015 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Cathode to Anode (For a 2ms time duration) (2), (3)
-3
45
V
Cathode to Anode (Continuous)(3)
-3
42
V
VcapH to VcapL
-0.3
7
V
Anode to VcapL
-0.3
3
V
Gate Drive, Gate Pull Down to VcapL
-0.3
7
V
Ambient Temperature (TA-MAX) (4)
-40
125
°C
Case Temperature (TC-MAX)
-40
125
°C
Storage temperature range, Tstg
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
42V continuous (and 45V transients for 2ms) absmax condition from Cathode to Anode. Suitable to use with TVS SMBJ28A and
SMBJ14A at the anode.
(3)
Reverse voltage rating only. There is no positive voltage limitation for the LM74610-Q1 Anode terminal.
(4)
The device performance is ensured over this Ambient Temperature range as long the Case Temperature does not exceed the MAX
value.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(2)
±4000
V(ESD)
Electrostatic discharge(1)
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Cathode To Anode
42
V
Ambient Temperature (TA-MAX)
-40
125
°C
Case Temperature (TC-MAX)
125
°C
6.4 Thermal Information
LM74610-Q1
THERMAL METRIC(1)
UNIT
VSSOP 8 PINS
RθJA
Junction-to-ambient thermal resistance
181
RθJC(top)
Junction-to-case (top) thermal resistance
73
RθJB
Junction-to-board thermal resistance
102
°C/W
ψJT
Junction-to-top characterization parameter
11
ψJB
Junction-to-board characterization parameter
100
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
TA= 25°C unless otherwise noted. Minimum and Maximum limits are specified through test, design, validation or statistical
correlation. Typical values represent the most likely parametric norm at TA= 25°C and are provided for reference purpose
only. VAnode-Cathode= 0.55V for all tests.
(1)
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the table of Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM74610-Q1


Số phần tương tự - LM74610-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74670QDGKRQ1 TI1-LM74670QDGKRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74670QDGKTQ1 TI1-LM74670QDGKTQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
More results

Mô tả tương tự - LM74610-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM74670-Q1 TI1-LM74670-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Zero IQ Smart Diode Rectifier Controller
LM74500-Q1 TI-LM74500-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74500-Q1 Reverse Polarity Protection Controller
LM74502-Q1 TI-LM74502-Q1_V01 Datasheet
1Mb / 33P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
MAY 2022
LM74502-Q1 TI-LM74502-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM74502-Q1, LM74502H-Q1 Automotive Low IQ Reverse Polarity Protection Controller with Overvoltage Protection
FEBRUARY 2022
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
logo
Texas Instruments
LM74502 TI-LM74502 Datasheet
2Mb / 29P
[Old version datasheet]   LM74502 Low IQ High Side Switch Controller With Reverse Polarity and Overvoltage Protection
DECEMBER 2021
LM74700-Q1 TI-LM74700-Q1_V01 Datasheet
3Mb / 36P
[Old version datasheet]   LM74700-Q1 Low IQ Reverse Battery Protection Ideal Diode Controller
logo
MPS Industries, Inc.
MPQ5850 MPSIND-MPQ5850 Datasheet
2Mb / 29P
   36V, Smart Diode Controller with Reverse Protection,AEC-Q100 Qualified
Rev. 1.1 2/9/2022
logo
Texas Instruments
LM74502 TI-LM74502_V01 Datasheet
1Mb / 30P
[Old version datasheet]   LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
MAY 2022
LM74700D-Q1 TI-LM74700D-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   LM74700D-Q1 Automotive Low IQ Reverse Battery Protection Ideal Diode Controller
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com