công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ13608 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LMZ13608
Giải thích chi tiết về linh kiện  8-A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13608 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMZ13608_15 Datasheet HTML 1Page - Texas Instruments LMZ13608_15 Datasheet HTML 2Page - Texas Instruments LMZ13608_15 Datasheet HTML 3Page - Texas Instruments LMZ13608_15 Datasheet HTML 4Page - Texas Instruments LMZ13608_15 Datasheet HTML 5Page - Texas Instruments LMZ13608_15 Datasheet HTML 6Page - Texas Instruments LMZ13608_15 Datasheet HTML 7Page - Texas Instruments LMZ13608_15 Datasheet HTML 8Page - Texas Instruments LMZ13608_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PGND/EP
Connect to AGND
5
AGND
6
AGND
3
AGND
1
VIN
2
VIN
4
EN
7
FB
SS
9
NC
10
VOUT
11
VOUT
8
LMZ13608
www.ti.com
SNVS710I – MARCH 2011 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
NDY Package
11-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND
3
Ground
Analog Ground — Reference point for all stated voltages. Must be externally connected to EP/PGND.
5
6
EN
4
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.274 V typical. Once the
module is enabled, a 20-µA source current is internally activated to accommodate programmable
hysteresis.
FB
7
Analog
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators. The
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between the
output and AGND to set the output voltage.
NC
9
No Connect. This pin must remain floating, do not ground.
PGND
Ground
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT
Internally connected to AGND / pin 5. Used to dissipate heat from the package during operation. Must
be electrically connected to pin 5 external to the package.
SS
8
Analog
Soft-Start/Track input — To extend the 1.6-ms internal soft-start connect an external soft-start
capacitor. For tracking connect to an external resistive divider connected to a higher priority supply rail.
See Design Steps section.
VIN
1
Power
Supply input — Nominal operating range is 6 V to 36 V. A small amount of internal capacitance is
contained within the package assembly. Additional external input capacitance is required between this
2
pin and PGND.
VOUT
10
Power
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and
PGND.
11
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN to PGND
–0.3
40
V
EN to AGND
–0.3
5.5
V
SS, FB to AGND
–0.3
2.5
V
AGND to PGND
–0.3
0.3
V
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For soldering specifications: see product folder at www.ti.com and literature number SNOA549
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ13608


Số phần tương tự - LMZ13608_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results

Mô tả tương tự - LMZ13608_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com