công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2651MTCX-ADJ bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM2651MTCX-ADJ
Giải thích chi tiết về linh kiện  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651MTCX-ADJ bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM2651MTCX-ADJ Datasheet HTML 1Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 2Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 3Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 4Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 5Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 6Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 7Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 8Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM2651
www.ti.com
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1, 2
SW
O
Switched-node connection, which is connected with the source of the internal high-side MOSFET.
3 to 5
VIN
I
Main power supply pin
6
VCB
I
Bootstrap capacitor connection for high-side gate drive
7
AVIN
I
Input supply voltage for control and driver circuits
Shutdown and soft-start control pin. Pulling this pin below 0.3 V shuts off the regulator. A capacitor
8
SD(SS)
I
connected from this pin to ground provides a control ramp of the input current. Do not drive this pin
with an external source or erroneous operation may result.
9
FB
I
Output voltage feedback input. Connected to the output voltage.
10
COMP
I
Compensation network connection. Connected to the output of the voltage error amplifier.
11
NC
G
No internal connection
12 to 13
AGND
G
Low-noise analog ground
14 to 16
PGND
G
Power ground
(1)
I = Input, O = Output, and G = Ground
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2651


Số phần tương tự - LM2651MTCX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2651MTCX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com