công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2651MTC-3.3 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM2651MTC-3.3
Giải thích chi tiết về linh kiện  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651MTC-3.3 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM2651MTC-3.3 Datasheet HTML 1Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 2Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 3Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 4Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 5Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 6Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 7Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 8Page - Texas Instruments LM2651MTC-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM2651
www.ti.com
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
6.5 Electrical Characteristics
specifications are TJ = 25°C and VIN = 10 V (unless otherwise specified)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
LM2651-1.8
TJ = 25°C
1.761
1.8
1.836
Over full operating
Output voltage
ILOAD = 900 mA
V
junction temperature
1.719
1.854
range
VOUT
Output voltage line regulation
VIN = 4 V to 14 V, ILOAD = 900 mA
0.2%
ILOAD = 10 mA to 1.5 A, VIN = 5 V
1.3%
Output voltage load regulation
ILOAD = 200 mA to 1.5 A, VIN = 5 V
0.3%
Sleep mode output voltage
VHYST
35
mV
hysteresis
LM2651-2.5
TJ = 25°C
2.43
2.5
2.574
Over full operating
Output voltage
ILOAD = 900 mA
V
junction temperature
2.388
2.575
range
VOUT
Output voltage line regulation
VIN = 4 V to 12 V, ILOAD = 900 mA
0.2%
ILOAD = 10 mA to 1.5 A, VIN = 5 V
1.3%
Output voltage load regulation
ILOAD = 200 mA to 1.5 A, VIN = 5 V
0.3%
Sleep mode output voltage
VHYST
48
mV
hysteresis
LM2651-3.3
TJ = 25°C
3.265
3.3
3.379
Over full operating
Output voltage
ILOAD = 900 mA
V
junction temperature
3.201
3.399
range
VOUT
Output voltage line regulation
VIN = 4 V to 14 V, ILOAD = 900 mA
0.2%
ILOAD = 10 mA to 1.5 A, VIN = 5 V
1.3%
Output voltage load regulation
ILOAD = 200 mA to 1.5 A, VIN = 5 V
0.3%
Sleep mode output voltage
VHYST
60
mV
hysteresis
LM2651-ADJ(3)
TJ = 25°C
1.238
Over full operating
VFB
Feedback voltage
ILOAD = 900 mA
V
junction temperature
1.2
1.263
range
Output voltage line regulation
VIN = 4 V to 14 V, ILOAD = 900 mA
0.2%
VOUT
ILOAD = 10 mA to 1.5 A, VIN = 5 V
1.3%
Output voltage load regulation
ILOAD = 200 mA to 1.5 A, VIN = 5 V
0.3%
Sleep mode output voltage
VHYST
24
mV
hysteresis
ALL OUTPUT VOLTAGE VERSIONS
TJ = 25°C
1.6
IQ
Quiescent current
mA
Over full operating junction temperature range
2
TJ = 25°C
7
12
Quiescent current in shutdown
Shutdown pin pulled
Over full operating
IQSD
µA
mode
low
junction temperature
20
range
(1)
All limits are ensured at room temperature (standard typeface) and at temperature extremes. All room temperature limits are 100%
production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
VOUT = 2.5 V
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2651


Số phần tương tự - LM2651MTC-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651MTC-3.3 NSC-LM2651MTC-3.3 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-3.3 NSC-LM2651MTC-3.3 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2651MTC-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com